Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C745/P Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC16C745/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745/P Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC16C745/P Datasheet HTML 96Page - Microchip Technology PIC16C745/P Datasheet HTML 97Page - Microchip Technology PIC16C745/P Datasheet HTML 98Page - Microchip Technology PIC16C745/P Datasheet HTML 99Page - Microchip Technology PIC16C745/P Datasheet HTML 100Page - Microchip Technology PIC16C745/P Datasheet HTML 101Page - Microchip Technology PIC16C745/P Datasheet HTML 102Page - Microchip Technology PIC16C745/P Datasheet HTML 103Page - Microchip Technology PIC16C745/P Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 158 page
background image
PIC16C745/765
DS41124A-page 100
Advanced Information
© 1999 Microchip Technology Inc.
13.5
Time-out in Various Situations
TABLE 13-3:
RESET TIME-OUTS
TABLE 13-4:
STATUS BITS AND THEIR SIGNIFICANCE
TABLE 13-5:
RESET CONDITION FOR SPECIAL REGISTERS
Oscillator
Configuration
POR
BORt
Wake-up
from SLEEP
PWRTE = 0
PWRTE = 1
PWRTE = 0
PWRTE = 1
HS
TPWRT + 1024
•TOSC
1024
•TOSC
TPWRT + 1024
•TOSC
1024
•TOSC
1024
•TOSC
H4
TPWRT + TPLLRT +
1024
•TOSC
TPLLRT + 1024
•TOSC
TPWRT + TPLLRT +
1024
•TOSC
TPLLRT + 1024
•TOSC
TPLLRT +
1024
•TOSC
EC
TPWRT
0TPWRT
00
E4
TPWRT + TPLLRT
TPLLRT
TPWRT + TPLLRT
TPLLRT
TPLLRT
POR
BOR
TO
PD
0x
1
1
Power-on Reset
0x
0
x
Illegal, TO is set on POR
0x
x
0
Illegal, PD is set on POR
10
1
1
Brown-out Reset
11
0
1
WDT Reset
11
0
0
WDT Wake-up
11
u
u
MCLR Reset during normal operation
11
1
0
MCLR Reset during SLEEP or interrupt wake-up from SLEEP
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
---- --0x
MCLR Reset during normal operation
000h
000u uuuu
---- --uu
MCLR Reset during SLEEP
000h
0001 0uuu
---- --uu
WDT Reset
000h
0000 1uuu
---- --uu
WDT Wake-up
PC + 1
uuu0 0uuu
---- --uu
Brown-out Reset
000h
000x xuuu
---- --u0
Interrupt wake-up from SLEEP
PC + 1(1)
uuu1 0uuu
---- --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit read as ’0’.
Note 1: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
TABLE 13-6:
REGISTERS ASSOCIATED WITH RESETS
Address
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on:
POR, BOR
Value on all
other resets
03h, 83h,
103h, 183h
Status
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
8Eh
PCON
—
—
—
—
—
—
POR
BOR
---- --qq
---- --uu
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com