Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C75X Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC17C75X
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C75X Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC17C75X Datasheet HTML 2Page - Microchip Technology PIC17C75X Datasheet HTML 3Page - Microchip Technology PIC17C75X Datasheet HTML 4Page - Microchip Technology PIC17C75X Datasheet HTML 5Page - Microchip Technology PIC17C75X Datasheet HTML 6Page - Microchip Technology PIC17C75X Datasheet HTML 7Page - Microchip Technology PIC17C75X Datasheet HTML 8Page - Microchip Technology PIC17C75X Datasheet HTML 9Page - Microchip Technology PIC17C75X Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 320 page
background image
PIC17C75X
DS30264A-page 6
Preliminary
© 1997 Microchip Technology Inc.
TABLE 1-1: PIC17CXXX FAMILY OF DEVICES
Features
PIC17CR42 PIC17C42A
PIC17C43 PIC17CR43 PIC17C44
PIC17C752 PIC17C756
Maximum Frequency
of Operation
33 MHz
33 MHz
33 MHz
33 MHz
33 MHz
33 MHz
33 MHz
Operating Voltage Range
2.5 - 6.0V
2.5 - 6.0V
2.5 - 6.0V
2.5 - 6.0V
2.5 - 6.0V
3.0 - 6.0V
3.0 - 6.0V
Program Memory
( x16)
(EPROM)
-
16 K
4K
-
8K
8K
16K
(ROM)
2K
-
-
4K
--
-
Data Memory (bytes)
232
232
454
454
454
454
902
Hardware Multiplier (8 x 8)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Timer0
(16-bit + 8-bit postscaler)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Timer1 (8-bit)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Timer2 (8-bit)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Timer3 (16-bit)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Capture inputs (16-bit)
2
2
2
2
24
4
PWM outputs (up to 10-bit)
2
2
2
2
23
3
USART/SCI
1
1
1
1
12
2
A/D channels (10-bit)
-
-
-
-
-12
12
SSP (SPI/I2C w/Master mode)
-
-
-
-
-
Yes
Yes
Power-on Reset
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Watchdog Timer
Yes
Yes
Yes
Yes
Yes
Yes
Yes
External Interrupts
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Interrupt Sources
11
11
11
11
11
18
18
Code Protect
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Brown-out Reset
-
-
-
-
-
Yes
Yes
In-circuit Serial Programming
-
-
-
-
-
Yes
Yes
I/O Pins
33
33
33
33
33
50
50
I/O High Current
Capability
Source
25 mA
25 mA
25 mA
25 mA
25 mA
25 mA
25 mA
Sink
25 mA(1)
25 mA(1)
25 mA(1)
25 mA(1)
25 mA(1)
25 mA(1)
25 mA(1)
Package Types
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin MQFP
44-pin TQFP
64-pin DIP
68-pin LCC
68-pin TQFP
64-pin DIP
68-pin LCC
68-pin TQFP
Note 1:
Pins RA2 and RA3 can sink up to 60 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com