Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C75X Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC17C75X
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C75X Datasheet(HTML) 1 Page - Microchip Technology

  PIC17C75X Datasheet HTML 1Page - Microchip Technology PIC17C75X Datasheet HTML 2Page - Microchip Technology PIC17C75X Datasheet HTML 3Page - Microchip Technology PIC17C75X Datasheet HTML 4Page - Microchip Technology PIC17C75X Datasheet HTML 5Page - Microchip Technology PIC17C75X Datasheet HTML 6Page - Microchip Technology PIC17C75X Datasheet HTML 7Page - Microchip Technology PIC17C75X Datasheet HTML 8Page - Microchip Technology PIC17C75X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 1
Devices included in this data sheet:
• PIC17C752
• PIC17C756
Microcontroller Core Features:
• Only 58 single word instructions to learn
• All single cycle instructions (121 ns) except for
program branches and table reads/writes which
are two-cycle
• Operating speed:
- DC - 33 MHz clock input
- DC - 121 ns instruction cycle
• Hardware Multiplier
• Interrupt capability
• 16 level deep hardware stack
• Direct, indirect, and relative addressing modes
• Internal/external program memory execution
• Capable of addressing 64K x 16 program memory
space
Peripheral Features:
• 50 I/O pins with individual direction control
• High current sink/source for direct LED drive
- RA2 and RA3 are open drain, high voltage
(12V), high current (60 mA), I/O pins
• Four capture input pins
- Captures are 16-bit, max resolution 121 ns
• Three PWM outputs
- PWM resolution is 1- to 10-bits
• TMR0: 16-bit timer/counter with
8-bit programmable prescaler
• TMR1: 8-bit timer/counter
• TMR2: 8-bit timer/counter
• TMR3: 16-bit timer/counter
• Two Universal Synchronous Asynchronous
Receiver Transmitters (USART/SCI)
- Independant baud rate generators
• 10-bit, 12 channel analog-to-digital converter
• Synchronous Serial Port (SSP) with SPI™ and
I2C™ modes (including I2C master mode)
Device
Memory
Program (x16)
Data (x8)
PIC17C752
8K
454
PIC17C756
16K
902
B
B
Pin Diagrams
Special Microcontroller Features:
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Brown-out Reset
• Code-protection
• Power saving SLEEP mode
• Selectable oscillator options
CMOS Technology:
• Low-power, high-speed CMOS EPROM
technology
• Fully static design
• Wide operating voltage range (2.5V to 6.0V)
• Commercial and Industrial temperature ranges
• Low-power consumption
- < 5 mA @ 5V, 4 MHz
- 100
µA typical @ 4.5V, 32 kHz
- < 1
µA typical standby current @ 5V
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
PIC17C75X
RA0/INT
RB0/CAP1
RB1/CAP2
RB3/PWM2
RB4/TCLK12
RB5/TCLK3
RB2/PWM1
VSS
NC
OSC2/CLKOUT
OSC1/CLKIN
VDD
RB7/SDO
RA3/SDI/SDA
RA2/SS/SCL
RA1/T0CKI
RD1/AD9
RD0/AD8
RE0/ALE
RE1/OE
RE2/WR
RE3/CAP4
MCLR/VPP
TEST
VSS
VDD
RF7/AN11
RF6/AN10
RF5/AN9
RF4/AN8
RF3/AN7
RF2/AN6
NC
RB6/SCK
LCC
Top View
PIC17C75X
High-Performance 8-Bit CMOS EPROM Microcontrollers


Similar Part No. - PIC17C75X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C752 MICROCHIP-PIC17C752 Datasheet
1Mb / 328P
High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC17C752 MICROCHIP-PIC17C752 Datasheet
4Mb / 304P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC17C752 MICROCHIP-PIC17C752 Datasheet
4Mb / 306P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC17C752 MICROCHIP-PIC17C752 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
PIC17C752-08/CL MICROCHIP-PIC17C752-08/CL Datasheet
1Mb / 328P
High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
More results

Similar Description - PIC17C75X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C7XX MICROCHIP-PIC17C7XX Datasheet
1Mb / 328P
High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
1998 - 1999
PIC16C62X MICROCHIP-PIC16C62X_03 Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
2003
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC17C7XX MICROCHIP-PIC17C7XX_13 Datasheet
4Mb / 306P
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC16LC558-04-SS MICROCHIP-PIC16LC558-04-SS Datasheet
1Mb / 108P
EPROM-Based 8-Bit CMOS Microcontrollers
11/29/12
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC16C62B-04 MICROCHIP-PIC16C62B-04 Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C622A-04I-P MICROCHIP-PIC16C622A-04I-P Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com