Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3R2002RTW Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # 3R2002RTW
Description  Resonant switchers, power factor correction and main converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

3R2002RTW Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  3R2002RTW Datasheet HTML 1Page - RUBYCON CORPORATION 3R2002RTW Datasheet HTML 2Page - RUBYCON CORPORATION 3R2002RTW Datasheet HTML 3Page - RUBYCON CORPORATION 3R2002RTW Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
469 5-41-5
RTW SERIES OUTPUT DERATING
469 
469 
469 #
469 #
Ambient Temperature(℃)
-100102030405060 70
100
80
60
40
20
0
Ambient Temperature(℃)
-100102030405060 70
100
80
60
40
20
0
Ambient Temperature(℃)
-100102030405060 70
100
80
60
40
20
0
Ambient Temperature(℃)
-100102030405060 70
100
80
60
40
20
0
Vertical
Model
(Bottom)
Mounting Direction(conv)
Vertical
Horizontal
Vertical
Horizontal
○
B
○
A
○
C
○
B
○
A
○
C
○
B
○
A
○
C
○
B
○
A
○
C
  Conv. with Cover
  Conv. Open Frame
  F/Air
○
A
○
B
○
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com