Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3R2002RTW Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 3R2002RTW
Description  Resonant switchers, power factor correction and main converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

3R2002RTW Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  3R2002RTW Datasheet HTML 1Page - RUBYCON CORPORATION 3R2002RTW Datasheet HTML 2Page - RUBYCON CORPORATION 3R2002RTW Datasheet HTML 3Page - RUBYCON CORPORATION 3R2002RTW Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
469 SPECIFICATIONS
      SPECIFICATIONS
RTW100 SPECIFICATIONS
1
Rated output DC voltage
2
Rated output DC current
3
Maximum output power
4
Efficiency(120/230VAC,TYP)
*1
5
Input current
*1
6
Power factor
*1
7
Inrush current
*2
8
Initial setting accuracy
*1
9
Maximum ripple noise
10 Maximum line regulation
11 Maximum load regulation
12 Voltage tolerance ratio
13 Hold-up time
*1
14 Over current protection
*3
15 Over voltage protection
*4
16 Dimensions
17 Weight
(1)  5V
(2) +12V
(3) -12V
(1)  5V
(2) +15V
(3) -15V
    6A
5A
1A
4A
4A
1A
  102W                  105W
80.3% / 80.6%
1.3A (100VAC), 0.6A (230VAC)
0.99 TYP (100VAC), 0.97 TYP (230VAC)
21Apk MAX (120VAC), 42Apk MAX (240VAC)
±0.5% MAX(5V,+12V,+15V), ±5% MAX(-12V,-15V)
50mVpp(5V load), 70mVpp(±12V, ±15V load)
±0.1%
±0.5%(5V load), ±0.2%(±12V, ±15V load)
±3% at line, load, time, temperature
20ms MiN after last AC line peak
more than 105% A of rated current
5.75V ∼ (Detected 5V output)
105(W) 190(D) 42(H) mm / 4.13"(W) 7.48"(D) 1.65"(H)
740g / 1.63lb. TYP
ITEM
RTW100-522
RTW100-5FF
1
Rated output DC voltage
2
Rated output DC current
3
Maximum output power
4
Efficiency(120/230VAC,TYP)
*1
5
Input current
*1
6
Power factor
*1
7
Inrush current
*2
8
Initial setting accuracy
*1
9
Maximum ripple noise
10 Maximum line regulation
11 Maximum load regulation
12 Voltage tolerance ratio
13 Hold-up time
*1
14 Over current protection
*3
15 Over voltage protection
*4
16 Dimensions
17 Weight
(1)  5V
(2) +12V
(3) -12V
(1)  5V
(2) +15V
(3) -15V
  15A
5A
1A
15A
4A
1A
  147W
               
150W
81.5% / 83.6%               83.5% / 85.3%
2.0A (100VAC), 0.9A (230VAC)
0.99 TYP (100VAC), 0.96 TYP (230VAC)
21Apk MAX (120VAC), 42Apk MAX (240VAC)
±0.5% MAX
50mVpp(5V load), 70mVpp(±12V, ±15V load)
±0.1%
±0.7%(5V load), ±0.5%(±12V, ±15V load)
±3% at line, load, time, temperature
20ms MiN after last AC line peak
more than 105% A of rated current
5.75V ∼ (Detected 5V output)
115(W) 202(D) 42(H) mm / 4.53"(W) 7.95"(D) 1.65"(H)
900g / 1.98lb. TYP
ITEM
RTW150-522
RTW150-5FF
RTW150 SPECIFICATIONS
NOTES
*1 When maximum output is worked
*2 When cold start works with rated voltage at 25℃ ambient temperature
*3 Recovers automatically within 3 seconds, after on input again
*4 Recovers on input again



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com