Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752 Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 104Page - Microchip Technology PIC17C752 Datasheet HTML 105Page - Microchip Technology PIC17C752 Datasheet HTML 106Page - Microchip Technology PIC17C752 Datasheet HTML 107Page - Microchip Technology PIC17C752 Datasheet HTML 108Page - Microchip Technology PIC17C752 Datasheet HTML 109Page - Microchip Technology PIC17C752 Datasheet HTML 110Page - Microchip Technology PIC17C752 Datasheet HTML 111Page - Microchip Technology PIC17C752 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 328 page
background image
PIC17C7XX
DS30289A-page 108
© 1998 Microchip Technology Inc.
13.2
Timer3
Timer3 is a 16-bit timer consisting of the TMR3H and
TMR3L registers. TMR3H is the high byte of the timer
and TMR3L is the low byte. This timer has an associ-
ated 16-bit period register (PR3H/CA1H:PR3L/CA1L).
This period register can be software configured to be a
another 16-bit capture register.
When the TMR3CS bit (TCON1<2>) is clear, the timer
increments every instruction cycle (Fosc/4). When
TMR3CS is set, the counter increments on every falling
edge of the RB5/TCLK3 pin. In either mode, the
TMR3ON bit must be set for the timer/counter to incre-
ment. When TMR3ON is clear, the timer will not incre-
ment or set flag bit TMR3IF.
Timer3 has two modes of operation, depending on the
CA1/PR3 bit (TCON2<3>). These modes are:
• Three capture and one period register mode
• Four capture register mode
The PIC17C7XX has up to four 16-bit capture registers
that capture the 16-bit value of TMR3 when events are
detected on capture pins. There are four capture pins
(RB0/CAP1, RB1/CAP2, RG4/CAP3, and RE3/CAP4),
one for each capture register pair. The capture pins are
multiplexed with the I/O pins. An event can be:
• A rising edge
• A falling edge
• Every 4th rising edge
• Every 16th rising edge
Each 16-bit capture register has an interrupt flag asso-
ciated with it. The flag is set when a capture is made.
The capture modules are truly part of the Timer3 block.
Figure 13-8 and Figure 13-9 show the block diagrams
for the two modes of operation.
13.2.1
THREE CAPTURE AND ONE PERIOD
REGISTER MODE
In this mode registers PR3H/CA1H and PR3L/CA1L
constitute a 16-bit period register. A block diagram is
shown in Figure 13-8. The timer increments until it
equals the period register and then resets to 0000h on
the next timer clock. TMR3 Interrupt Flag bit (TMR3IF)
is set at this point. This interrupt can be disabled by
clearing the TMR3 Interrupt Enable bit (TMR3IE).
TMR3IF must be cleared in software.
FIGURE 13-8: TIMER3 WITH THREE CAPTURE AND ONE PERIOD REGISTER BLOCK DIAGRAM
PR3H/CA1H
TMR3H
Comparator<8>
Fosc/4
TMR3ON
Reset
Equal
0
1
Comparator x16
RB5/TCLK3
Set TMR3IF
TMR3CS
PR3L/CA1L
TMR3L
CA2H
CA2L
RB1/CAP2
Edge select,
Prescaler select
2
Set CA2IF
Capture2
CA2ED1: CA2ED0
(TCON1<7:6>)
(TCON2<2>)
(TCON1<2>)
(PIR1<3>)
(PIR1<6>)
Enable
CA3H
CA3L
RG4/CAP3
Edge select,
Prescaler select
2
Set CA3IF
Capture3
CA3ED1: CA3ED0
(TCON3<2:1>)
(PIR2<2>)
Enable
CA4H
CA4L
RE3/CAP4
Edge select,
Prescaler select
2
Set CA4IF
Capture4
CA4ED1: CA4ED0
(TCON3<4:3>)
(PIR2<3>)
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com