Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C752 Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 107Page - Microchip Technology PIC17C752 Datasheet HTML 108Page - Microchip Technology PIC17C752 Datasheet HTML 109Page - Microchip Technology PIC17C752 Datasheet HTML 110Page - Microchip Technology PIC17C752 Datasheet HTML 111Page - Microchip Technology PIC17C752 Datasheet HTML 112Page - Microchip Technology PIC17C752 Datasheet HTML 113Page - Microchip Technology PIC17C752 Datasheet HTML 114Page - Microchip Technology PIC17C752 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 111
PIC17C7XX
13.2.3
READING THE CAPTURE REGISTERS
The Capture overflow status flag bits are double
buffered. The master bit is set if one captured word is
already residing in the Capture register and another
“event” has occurred on the CAPx pin. The new event
will not transfer the TMR3 value to the capture register,
protecting the previous unread capture value. When
the user reads both the high and the low bytes (in any
order) of the Capture register, the master overflow bit is
transferred to the slave overflow bit (CAxOVF) and then
the master bit is reset. The user can then read TCONx
to determine the value of CAxOVF.
An example of an instruction sequence to read capture
registers and capture overflow flag bits is shown in
Example 13-1. Depending on the capture source, dif-
ferent registers will need to be read.
EXAMPLE 13-1: SEQUENCE TO READ CAPTURE REGISTERS
TABLE 13-6:
REGISTERS ASSOCIATED WITH CAPTURE
MOVLB 3
; Select Bank 3
MOVPF CA2L, LO_BYTE
; Read Capture2 low byte, store in LO_BYTE
MOVPF CA2H, HI_BYTE
; Read Capture2 high byte, store in HI_BYTE
MOVPF TCON2, STAT_VAL
; Read TCON2 into file STAT_VAL
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
MCLR,
WDT
16h, Bank 3
TCON1
CA2ED1 CA2ED0
CA1ED1
CA1ED0
T16
TMR3CS TMR2CS TMR1CS
0000 0000
0000 0000
17h, Bank 3
TCON2
CA2OVF CA1OVF
PWM2ON
PWM1ON CA1/PR3 TMR3ON TMR2ON TMR1ON
0000 0000
0000 0000
16h, Bank 7
TCON3
—
CA4OVF
CA3OVF
CA4ED1
CA4ED0
CA3ED1
CA3ED0 PWM3ON -000 0000
-000 0000
12h, Bank 2
TMR3L
Holding register for the low byte of the 16-bit TMR3 register
xxxx xxxx
uuuu uuuu
13h, Bank 2
TMR3H
Holding register for the high byte of the 16-bit TMR3 register
xxxx xxxx
uuuu uuuu
16h, Bank 1
PIR1
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TX1IF
RC1IF
x000 0010
u000 0010
17h, Bank 1
PIE1
RBIE
TMR3IE
TMR2IE
TMR1IE
CA2IE
CA1IE
TX1IE
RC1IE
0000 0000
0000 0000
10h, Bank 4
PIR2
SSPIF
BCLIF
ADIF
—
CA4IF
CA3IF
TX2IF
RC2IF
000- 0010
000- 0010
11h, Bank 4
PIE2
SSPIE
BCLIE
ADIE
—
CA4IE
CA3IE
TX2IE
RC2IE
000- 0000
000- 0000
07h, Unbanked INTSTA
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
0000 0000
0000 0000
06h, Unbanked CPUSTA
—
—
STKAV
GLINTD
TO
PD
POR
BOR
--11 11qq
--11 qquu
16h, Bank 2
PR3L/CA1L
Timer3 period register, low byte/capture1 register, low byte
xxxx xxxx
uuuu uuuu
17h, Bank 2
PR3H/CA1H Timer3 period register, high byte/capture1 register, high byte
xxxx xxxx
uuuu uuuu
14h, Bank 3
CA2L
Capture2 low byte
xxxx xxxx
uuuu uuuu
15h, Bank 3
CA2H
Capture2 high byte
xxxx xxxx
uuuu uuuu
12h, Bank 7
CA3L
Capture3 low byte
xxxx xxxx
uuuu uuuu
13h, Bank 7
CA3H
Capture3 high byte
xxxx xxxx
uuuu uuuu
14h, Bank 7
CA4L
Capture4 low byte
xxxx xxxx
uuuu uuuu
15h, Bank 7
CA4H
Capture4 high byte
xxxx xxxx
uuuu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0', q - value depends on condition,
shaded cells are not used by Capture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com