Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C42 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC17C42
Description  EPROM Memory Programming Specification
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C42 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC17C42 Datasheet HTML 3Page - Microchip Technology PIC17C42 Datasheet HTML 4Page - Microchip Technology PIC17C42 Datasheet HTML 5Page - Microchip Technology PIC17C42 Datasheet HTML 6Page - Microchip Technology PIC17C42 Datasheet HTML 7Page - Microchip Technology PIC17C42 Datasheet HTML 8Page - Microchip Technology PIC17C42 Datasheet HTML 9Page - Microchip Technology PIC17C42 Datasheet HTML 10Page - Microchip Technology PIC17C42 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 1996 Microchip Technology Inc.
DS30139I-page 7
EPROM Memory Programming Specification
4.0
CONFIGURATION WORD
Configuration bits are mapped into program memory.
Each bit is assigned one memory location. In erased
condition a bit will read as '1'. To program a bit, the user
needs to write to the memory address. The data is
immaterial; the very act of writing will program the bit.
The
configuration
word
locations
are
shown
in
Table 4-3. The programmer should not program the
reserved locations to avoid unpredictable results
and to be compatible with future variations of the
PIC17C4X. It is also mandatory that configuration
locations are programmed in the strict order start-
ing from the first location (0xFE00) and ending with
the last (0xFE0F). Unpredictable results may occur
if the sequence is violated.
4.1
Reading Configuration Word
The PIC17CXX has seven configuration locations (see
Table 4-1). These locations can be programmed (read
as '0') or left unprogrammed (read as '1') to select var-
ious device configurations. Any write to a configuration
location, regardless of the data, will program that con-
figuration bit. Reading any configuration location
between 0xFE00 and 0xFE07 will place the low byte of
the configuration word (see Table 4-2) into PAD<7:0>
(PORTC). PAD<15:8> (PORTB) will be set to 0xFF.
Reading a configuration location between 0xFE08 and
0xFE0F will place the high byte of the configuration
word into PAD<7:0> (PORTC). PAD<15:8> (PORTB)
will be set to 0xFF.
TABLE 4-1:
CONFIGURATION BIT
PROGRAMMING LOCATIONS
†This location does not exist on the PIC17C42.
Bit
Address
FOSC0
0xFE00
FOSC1
0xFE01
WDTPS0
0xFE02
WDTPS1
0xFE03
PM0
0xFE04
PM1
0xFE06
PM2†
0xFE0F
TABLE 4-2:
READ MAPPING OF CONFIGURATION BITS
—=Unused
PM<2:0>, Processor Mode Select bits
111 = Microprocessor mode
110 = Microcontroller mode
101 = Extended Microcontroller mode
000 = Code protected microcontroller mode
WDTPS<1:0>, WDT Prescaler Select bits.
11
= WDT enabled, postscaler = 0
10
= WDT enabled, postscaler = 256
01
= WDT enabled, postscaler = 64
00
= WDT disabled, 16-bit overflow timer
FOSC<1:0>, Oscillator Select bits
11
= EC oscillator
10
= XT oscillator
01
= RC oscillator
00
= LF oscillator
* This bit does not exist on PIC17C42.
WDTPS1
FOSC1 FOSC0
WDTPS0
PM0
PM1
—
—
PM2*
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
——
—
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
——
—
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com