Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17C42 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC17C42
Description  EPROM Memory Programming Specification
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C42 Datasheet(HTML) 1 Page - Microchip Technology

  PIC17C42 Datasheet HTML 1Page - Microchip Technology PIC17C42 Datasheet HTML 2Page - Microchip Technology PIC17C42 Datasheet HTML 3Page - Microchip Technology PIC17C42 Datasheet HTML 4Page - Microchip Technology PIC17C42 Datasheet HTML 5Page - Microchip Technology PIC17C42 Datasheet HTML 6Page - Microchip Technology PIC17C42 Datasheet HTML 7Page - Microchip Technology PIC17C42 Datasheet HTML 8Page - Microchip Technology PIC17C42 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1996 Microchip Technology Inc.
DS30139I-page 1
This document includes the programming
specifications for the following devices:
1.0
PROGRAMMING THE PIC17CXX
The PIC17CXX is programmed using the TABLWT
instruction. The table pointer points to the internal
EPROM location start. Therefore, a user can program
an EPROM location while executing code (even from
internal EPROM). This programming specification
applies to PIC17CXX devices in all packages.
For the convenience of a programmer developer, a
“program & verify” routine is provided in the on-chip test
program memory space, the program resides in ROM
and not EPROM. Therefore, it is not erasable. The
“program/verify” routine allows the user to load any
address, program a location, verify a location or incre-
ment to the next location. It allows variable program-
ming pulse width.
1.1
Hardware Requirements
Since the PIC17CXX under programming is actually
executing code from “boot ROM,” a clock must be pro-
vided to the part. Furthermore, the PIC17CXX under
programming may have any oscillator configuration
(EC, XT, LF or RC). Therefore, the external clock driver
must be able to overdrive pulldown in RC mode. CMOS
drivers are required since the OSC1 input has a
Schmitt trigger input with levels (typically) of 0.2VDD
and
0.8VDD.
See
the
PIC17C4X
data
sheet
(DS30412A) for exact specifications.
• PIC17C42
• PIC17C42A
• PIC17CR42
• PIC17C43
• PIC17CR43
• PIC17C44
Pin Diagram
The PIC17CXX requires two programmable power
supplies, one for VDD (2.5V to 6.0V recommended) and
one for VPP (13
± 0.25V). Both supplies should have a
minimum resolution of 0.25V.
The PIC17CXX uses an intelligent algorithm. The algo-
rithm calls for program verification at VDDmin as well as
VDDmax. Verification at VDDmin guarantees good
“erase margin”. Verification at VDDmax guarantees
good “program margin”. Three times (3X) additional
pulses will increase program margin then beyond VDD
(max.) and insure safe operation in user system.
RC1/AD1
RD0/AD8
RD1/AD9
RD2/AD10
RD3/AD11
RD4/AD12
RD5/AD13
RD6/AD14
RD7/AD15
MCLR/VPP
VSS
RE0/ALE
RE1/OE
RE2/WR
TEST
RA0/INT
RA1/T0CKI
RA2
RA3
RA4/RX/DT
RA5/TX/CK
VDD
RC0/AD0
RC2/AD2
RC3/AD3
RC4/AD4
RC5/AD5
RC6/AD6
RC7/AD7
VSS
RB0/CAP1
RB1/CAP2
RB2/PWM1
RB3/PWM2
RB4/TCLK12
RB5/TCLK3
RB6
RB7
OSC1/CLKIN
OSC2/CLKOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
40L PDIP, Windowed CERDIP
PIC17CXX
EPROM Memory Programming Specification
PIN DESCRIPTIONS (DURING PROGRAMMING): PIC17C42/42A/43/44
Pin Name
During Programming
Pin Name
Pin Type
Pin Description
RA <0:4>
RA <0:4>
I
Necessary in programming mode
TEST
TEST
I
Must be set to “high” to enter programming mode
RB <7:0>
PAD <15:8>
I/O
Address & data: high byte
RC <7:0>
PAD <7:0>
I/O
Address & data: low byte
MCLR/VPP
VPP
P
Programming Power
VDD
VDD
P
Power Supply
VSS
VSS
P
Ground
Legend: I = Input, O = Output, P = Power
This document was created with FrameMaker404


Similar Part No. - PIC17C42

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C42 MICROCHIP-PIC17C42 Datasheet
1Mb / 240P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C42 MICROCHIP-PIC17C42 Datasheet
935Kb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C42-08/JW MICROCHIP-PIC17C42-08/JW Datasheet
1Mb / 240P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C42-08/L MICROCHIP-PIC17C42-08/L Datasheet
1Mb / 240P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
PIC17C42-08/P MICROCHIP-PIC17C42-08/P Datasheet
1Mb / 240P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
More results

Similar Description - PIC17C42

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS77C1000 HYNIX-GMS77C1000 Datasheet
271Kb / 11P
EPROM Programming/Verfify Specification
logo
Microchip Technology
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
EEPROM Memory Programming Specification
1996
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
Memory Programming Specification
2004
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
Flash Memory Programming Specification
2002 - 2003
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
EPROM Memory Programming Specification
2001
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
EEPROM Memory Programming Specification
2002
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
Flash Memory Programming Specification
03/26/09 2009
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
Flash Memory Programming Specification
01/05/10 2010
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
Flash Memory Programming Specification
11/29/11 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com