Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765/SP Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16C765/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765/SP Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16C765/SP Datasheet HTML 143Page - Microchip Technology PIC16C765/SP Datasheet HTML 144Page - Microchip Technology PIC16C765/SP Datasheet HTML 145Page - Microchip Technology PIC16C765/SP Datasheet HTML 146Page - Microchip Technology PIC16C765/SP Datasheet HTML 147Page - Microchip Technology PIC16C765/SP Datasheet HTML 148Page - Microchip Technology PIC16C765/SP Datasheet HTML 149Page - Microchip Technology PIC16C765/SP Datasheet HTML 150Page - Microchip Technology PIC16C765/SP Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 147
PIC16C745/765
28-Lead Ceramic Dual In-line with Window (JW) – 600 mil (CERDIP)
7.37
7.11
6.86
.290
.280
.270
W
Window Diameter
18.03
16.76
15.49
.710
.660
.610
eB
Overall Row Spacing
0.58
0.51
0.41
.023
.020
.016
B
Lower Lead Width
1.65
1.46
1.27
.065
.058
.050
B1
Upper Lead Width
0.30
0.25
0.20
.012
.010
.008
c
Lead Thickness
3.81
3.49
3.18
.150
.138
.125
L
Tip to Seating Plane
37.85
37.08
36.32
1.490
1.460
1.430
D
Overall Length
13.36
13.21
13.06
.526
.520
.514
E1
Ceramic Pkg. Width
15.88
15.24
15.11
.625
.600
.595
E
Shoulder to Shoulder Width
1.52
0.95
0.38
.060
.038
.015
A1
Standoff
4.19
4.06
3.94
.165
.160
.155
A2
Ceramic Package Height
5.08
4.70
4.32
.200
.185
.170
A
Top to Seating Plane
2.54
.100
p
Pitch
28
28
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
D
n
E1
W
c
E
eB
p
A2
L
B1
B
A1
A
*Controlling Parameter
JEDEC Equivalent: MO-103
Drawing No. C04-013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com