Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765TI/SP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16C765TI/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765TI/SP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16C765TI/SP Datasheet HTML 48Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 49Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 50Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 51Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 52Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 53Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 54Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 55Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 158 page
background image
PIC16C745/765
DS41124A-page 52
Advanced Information
© 1999 Microchip Technology Inc.
REGISTER 9-1:
CAPTURE/COMPARE/PWMN CONTROL REGISTER
(CCP1CON: 17H, CCP2CON: 1Dh)
U
U
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DCnB1
DCnB0
CCPnM3
CCPnM2
CCPnM1 CCPnM0
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-6:
Unimplemented: Read as ’0’
bit 5-4:
DCnB<1:0>: PWM Least Significant bits
Capture Mode: Unused
Compare Mode: Unused
PWM Mode: These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPRnL.
bit 3-0:
CCPnM<3:0>: CCPx Mode Select bits
0000
= Capture/Compare/PWM off (resets CCPn module)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCPnIF bit is set)
1001
= Compare mode, clear output on match (CCPnIF bit is set)
1010
= Compare mode, generate software interrupt on match (CCPnIF bit is set, CCPn pin is unaffected)
1011
= Compare mode, trigger special event (CCPnIF bit is set; CCPn resets TMR1or TMR3)
11xx
= PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com