Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C765TI/SP Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16C765TI/SP
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C765TI/SP Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16C765TI/SP Datasheet HTML 65Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 66Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 67Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 68Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 69Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 70Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 71Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 72Page - Microchip Technology PIC16C765TI/SP Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 158 page
background image
© 1999 Microchip Technology Inc.
Advanced Information
DS41124A-page 69
PIC16C745/765
REGISTER 10-10: BUFFER DESCRIPTOR STATUS REGISTER. BITS WRITTEN BY THE MCU
(BDndST: 1A0h, 1A4h, 1A8h, 1ACh, 1B0h, 1B4h)
REGISTER 10-11: BUFFER DESCRIPTOR STATUS. BITS READ BY THE MCU.
(BDndST: 1A0h, 1A4h, 1A8h, 1ACh, 1B0h, 1B4h)
W-X
W-X
U-X
U-X
W-X
W-X
U-X
U-X
UOWN
DATA0/1
—
—
DTS
BSTALL
—
—
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
X = Don’t care
bit7
bit0
bit 7:
UOWN: USB Own. This UOWN bit determines who currently owns the buffer. The SIE writes a 0 to this
bit when it has completed a token. This byte of the BD should always be the last byte the MCU updates
when it initializes a BD. Once the BD has been assigned to the USB, the MCU should not change it in any
way.
1
= USB has exclusive access to the BD. The MCU should not modify the BD or buffer.
0
= The MCU has exclusive access to the BD. The USB ignores all other fields in the BD.
bit 6:
DATA0/1: This bit defines the type of data toggle packet that was transmitted or received.
1
= Data 1 packet
0
= Data 0 packet
bit 5-4:
Reserved: Read as ’X’.
bit 3:
DTS: Setting this bit will enable the USB to perform Data Toggle Synchronization. If a packet arrives with
an incorrect DTS, it will be ignored and the buffer will remain unchanged.
1
= Data Toggle Synchronization is performed
0
= No Data Toggle Synchronization is performed
bit 2:
BSTALL: Buffer Stall. Setting this bit will cause the USB to issue a STALL handshake if a token is received
by the SIE that would use the BD in this location. The BD is not consumed by the SIE (the own bit remains
and the rest of the BD are unchanged) when a BSTALL bit is set.
bit 1-0:
Reserved: Read as ’X’.
Note:
Recommend that users not use BSF, BCF due to the dual functionality of this register.
R/W-0
R/W-X
R/W-X
R/W-X
R/W-X
R/W-X
U-X
U-X
UOWN
DATA0/1
PID3
PID2
PID1
PID0
—
—
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
X = Don’t care
bit7
bit0
bit 7:
UOWN: USB Own. This UOWN bit determines who currently owns the buffer. The SIE writes a 0 to this
bit when it has completed a token. This byte of the BD should always be the last byte the MCU updates
when it initializes a BD. Once the BD has been assigned to the USB, the MCU should not change it in any
way.
1
= USB has exclusive access to the BD. The MCU should not modify the BD or buffer.
0
= The MCU has exclusive access to the BD. The USB ignores all other fields in the BD.
bit 6:
DATA0/1: This bit defines the type of data toggle packet that was transmitted or received.
1
= Data 1 packet
0
= Data 0 packet
bit 5-2:
PID<3:0>: Packet Identifier. The received token PID value
bit 1-0:
Reserved: Read as 'X'.
Note:
Recommend that users not use BSF, BCF due to the dual functionality of this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com