Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1188 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1188
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1188 Datasheet(HTML) 3 Page - Microchip Technology

  TC1188 Datasheet HTML 1Page - Microchip Technology TC1188 Datasheet HTML 2Page - Microchip Technology TC1188 Datasheet HTML 3Page - Microchip Technology TC1188 Datasheet HTML 4Page - Microchip Technology TC1188 Datasheet HTML 5Page - Microchip Technology TC1188 Datasheet HTML 6Page - Microchip Technology TC1188 Datasheet HTML 7Page - Microchip Technology TC1188 Datasheet HTML 8Page - Microchip Technology TC1188 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2002 Microchip Technology Inc.
DS21364B-page 3
TC1188/TC1189
Shutdown:
SHDN Input Threshold
V
IH
2.0
—
—
V
V
IL
——
0.4
V
SHDN Input Bias Current
Ishdn
—0.1
100
nA
V
SHDN = VIN, TA = +25°C, TA = TMAX
—50
—
nA
V
SHDN = VIN, TA = +25°C, TA = TMAX
Shutdown Supply Current
Iqshdn
—0.002
1
µAV
OUT = 0V, TA = +25°C, TA = TMAX
—0.02
—
µAV
OUT = 0V, TA = +25°C, TA = TMAX
Shutdown to Output Discharge
Delay (TC1189)
—1
—
msec
C
OUT = 1 µF, no load at 10% of VOUT
Thermal Protection
Thermal Shutdown Temperature
T
SHDN
—170
—
°C
Thermal Shutdown Hysteresis
∆T
SHDN
—20
—
°C
DC SPECIFICATIONS (CONTINUED)
Electrical Characteristics: V
IN = +3.6V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.
(Note 1)
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Note 1: Limits are 100% production tested at T
A = +25°C. Limits over the operating temperature range are ensured through cor-
relation using Statistical Quality Control (SQC) methods.
2: Validated by line regulation test.
3: Not tested. For design purposes, the current limit should be considered 150 mA minimum to 410 mA maximum.
4: The dropout voltage is defined as (V
IN – VOUT) when VOUT is 100 mV below the value of VOUT for
V
IN = VOUT +2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com