Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1188 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1188
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1188 Datasheet(HTML) 2 Page - Microchip Technology

  TC1188 Datasheet HTML 1Page - Microchip Technology TC1188 Datasheet HTML 2Page - Microchip Technology TC1188 Datasheet HTML 3Page - Microchip Technology TC1188 Datasheet HTML 4Page - Microchip Technology TC1188 Datasheet HTML 5Page - Microchip Technology TC1188 Datasheet HTML 6Page - Microchip Technology TC1188 Datasheet HTML 7Page - Microchip Technology TC1188 Datasheet HTML 8Page - Microchip Technology TC1188 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC1188/TC1189
DS21364B-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage .........................................................6.5V
Output Short-Circuit Duration .............................Infinite
Output Voltage .......................... (-0.3V) to (VIN + 0.3V)
Maximum Voltage On Any Pin.... (-0.3V) to (VIN +0.3V)
Continuous Power Dissipation (T
A = +70°C)
SOT-23-5 (derate 7.1 mW/°C above +70°C)
..................................................................571 mW
Operating Temperature Range............... -40°C to 85°C
Storage Temperature .........................-65°C to +160°C
Lead Temperature (Soldering, 10 Sec.) ........... +300°C
*Notice: *Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC SPECIFICATIONS
Electrical Characteristics: V
IN = +3.6V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.
(Note 1)
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Input Voltage
VIN
V
OUT+0.5V
2.7
—
—
6.0
6.0
VV
OUT ≥ 2.5V
V
OUT = 1.8V (Note 2)
Output Voltage
V
OUT
3.05
3.15
3.25
V
0 mA
≤ I
OUT ≤ 50 mA
T
2.75
2.84
2.93
V
0 mA
≤ I
OUT ≤ 50 mA
S
2.70
2.80
2.88
V
0 mA
≤ I
OUT ≤ 50 mA
R
1.745
1.80
1.85
V
0 mA
≤ I
OUT ≤ 50 mA
Q
Maximum Output Current
I
OUT
120
—
—
mA
Current Limit
I
LIM
—280
—
mA
Note 3
Input Current
I
IN
—50
90
µA
I
OUT = 0
Dropout Voltage
—
1.1
—
mV
I
OUT = 1 mA
—55
120
mV
I
OUT = 50 mA
—
110
240
mV
I
OUT = 100 mA (Note 4)
Line Regulation
∆V
LNR
-0.10
0.001
0.10
%/V
V
IN = VOUT + 0.5V to 6.0V
——
—
%/V
I
OUT = 1 mA
Load Regulation
∆V
LDR
—
0.01
0.040
%/mA I
OUT = 0 mA to 50 mA
Output Voltage Noise
—
350
—
µV
RMS
10 Hz to 1 MHz, C
OUT = 1 µF
—220
—
µV
RMS
10 Hz to 1 MHz C
OUT = 100 µF
Wake Up Time
(from Shutdown Mode)
t
WK
—10
—
µsec
V
IN = 3.6V
C
IN = 1 µF, COUT = 1 µF
I
L = 30 mA, (See Figure 3-1)
Setting Time
(from Shutdown Mode)
t
S
—140
—
µsec
V
IN = 3.6V
C
IN = 1 µF, COUT = 1 µF
I
L = 30 mA, (See Figure 3-1)
Note 1: Limits are 100% production tested at T
A = +25°C. Limits over the operating temperature range are ensured through cor-
relation using Statistical Quality Control (SQC) methods.
2: Validated by line regulation test.
3: Not tested. For design purposes, the current limit should be considered 150 mA minimum to 410 mA maximum.
4: The dropout voltage is defined as (V
IN – VOUT) when VOUT is 100 mV below the value of VOUT for
V
IN = VOUT +2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com