Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF63 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 25Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 26Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 27Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 24 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
or to fill the FIFO buffers with glitch-free data in Buffered mode. The operation of the receiver is now described in
detail.
Note: Image rejection is achieved by the SAW filter.
3.4.2. LNA and First Mixer
In receive mode, the RFIO pin is connected to a fixed gain, common-gate, Low Noise Amplifier (LNA). The
performance of this amplifier is such that the Noise Figure (NF) of the receiver can be estimated to be
≈7 dB.
3.4.3. IF Gain and Second I/Q Mixer
Following the LNA and first down-conversion, there is an IF amplifier whose gain can be programmed from -
13.5 dB to 0 dB in 4.5 dB steps, via the register MCParam_IF_gain. The default setting corresponds to 0 dB gain,
but lower values can be used to increase the RSSI dynamic range. Refer to section 3.4.7 for additional information.
3.4.4. Channel Filters
The second mixer stages are followed by the channel select filters. The channel select filters have a strong
influence on the noise bandwidth and selectivity of the receiver and hence its sensitivity. Each filter comprises a
passive and active section.
3.4.4.1. Passive Filter
Each channel select filter features a passive second-order RC filter, with a bandwidth programmable through the
bits RXParam_PassiveFilt. As the wider of the two filters, its effect on the sensitivity is negligible, but its bandwidth
has to be setup instead to optimize blocking immunity. The value entered into this register sets the single side
bandwidth of this filter. For optimum performance it should be set to 3 to 4 times the cutoff frequency of the active
Butterworth (or polyphase) filter described in the next section.
3.4.4.2. Active Filter
The
‟fine‟ channel selection is performed by an active, third-order, Butterworth filter, which acts as a low-pass filter
for the zero-IF configuration (FSK), or a complex polyphase filter for the Low-IF (OOK) configuration. The
RXParam_PolypFilt_on bit enables/disables the polyphase filter.
Low-pass filter for FSK ( RXParam_PolyFilt_on=
‟‟0‟‟)
-fC
0
fC
frequency
Polyphase filter for OOK ( RXParam_PolyFilt_on
=‟‟1‟‟ )
Canceled side of
the polyphase filter
-fC
-fo
0
frequency
Figure 17: Active Channel Filter Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com