Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF63 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 52Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 53Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 54Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 56 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Tx
Rx
Description
MCParam
Data_mode_x
X
X
Defines data operation mode (
-Packet)
Fifo_size
X
X
Defines FIFO size
Fifo_thresh
X
X
Defines FIFO threshold
IRQParam
Rx_stby_irq_0
X
Defines IRQ_0 source in Rx & Stby modes
Rx_stby_irq_1
X
Defines IRQ_1 source in Rx & Stby modes
Tx_irq_1
X
Defines IRQ_1 source in Tx mode
Tx_start_irq_0
X
Defines Tx start condition and IRQ_0 source
RXParam
Sync_size
X
X
Defines Sync word size
Sync_tol
X
Defines the error tolerance on Sync word detection
SYNCParam
Sync_value
X
X
Defines Sync word value
PKTParam
Manchester_on
X
X
Enables Manchester encoding/decoding
Payload_length
X
(1)
X
Length in fixed format, max Rx length in variable format
Node_adrs
X
Defines node address for Rx address filtering
Pkt_format
X
X
Defines packet format (fixed or variable length)
Preamble_size
X
Defines the size of preamble to be transmitted
Whitening_on
X
X
Enables whitening/de-whitening process
CRC_on
X
X
Enables CRC calculation/check
Adrs_filt
X
Enables and defines address filtering
CRC_autoclr
X
Enables FIFO autoclear if CRC failed
Fifo_stby_access
X
X
Defines FIFO access in Stby mode
5.5.9. Packet Mode Example
•
Configure all data processing related registers listed below appropriately. In this example we assume CRC is
enabled with autoclear on.
Table 25: Relevant Configuration Registers in Packet Mode (data processing related only)
(1)fixed format only
Tx Mode:
•
Program Tx start condition and IRQs: Start Tx when FIFO not empty (Tx_start_irq_0=1) and IRQ_1 mapped to
Tx_done (Tx_irq_1=1)
•
Go to Stby mode
•
Write all payload bytes into FIFO (Fifo_stby_access=0, Stby interrupts can be used if needed)
•
Go to Tx mode. W hen Tx is ready (automatically handled) Tx starts (Tx_start_irq_0=1).
•
Wait for Tx_done interrupt (+1 bit period)
•
Go to Sleep mode
Rx Mode:
•
Program Rx/Stby interrupts: IRQ_0 mapped to /Fifoempty (Rx_stby_irq_0=10) and IRQ_1 mapped to CRC_OK
(Rx_stby_irq_1=00)
•
Go to Rx (note that Rx is not ready immediately, see section 7.3.1
•
Wait for CRC_OK interrupt
•
Go to Stby
•
Read payload bytes from FIFO until /Fifoempty goes low. (Fifo_stby_access =1)
•
Go to Sleep mode
5.5.10. Additional Information
If the number of bytes filled for transmission is greater than the actual length of the packet to be transmitted and
Tx_start_irq_0 = 1, then the FIFO is cleared after the packet has been transmitted. Thus the extra bytes in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com