Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF64 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 40Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 41Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 42Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 43Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 44Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 45Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 44 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5.4. Buffered Mode
5.4.1. General Description
As illustrated in Figure 38, for Buffered mode operation the NRZ data to (from) the (de)modulator is not directly
accessed by the uC but stored in the FIFO and accessed via the SPI Data interface. This frees the uC for other
tasks between processing data from the RF64, furthermore it simplifies software development and reduces uC
performance requirements (speed, reactivity). Note that in this mode the packet handler stays inactive.
An important feature is also the ability to empty the FIFO in Stby mode, ensuring low power consumption and
adding greater software flexibility.
RF64
CONTROL
IRQ_0
IRQ_1
Data
Rx
SYNC
RECOG.
Tx
FIFO
(+SR)
SPI
CONFIG
DATA
NSS_CONFIG
NSS_DATA
SCK
MOSI
MISO
Datapath
Figure 38: Buffered Mode Conceptual View
Note that Bit Synchronizer is automatically enabled in Buffered mode.
The Sync word recognition must be
activated by the user if needed.
5.4.2. Tx Processing
After entering Tx in Buffered mode, the chip expects the uC to write into the FIFO, via the SPI Data interface, all the
data bytes to be transmitted (preamble, Sync word, payload...).
Actual transmission of first byte will start either when the FIFO is not empty (i.e. first byte written by the uC) or when
the FIFO is full depending on bit IRQParam_Tx_start_irq_0.
In Buffered mode the packet length is not limited, i.e. as long as there are bytes inside the FIFO they are sent.
When the last byte is transferred to the SR, /Fifoempty IRQ source is asserted to warn the uC, at that time FIFO
can still be filled with additional bytes if needed.
When the last bit of the last byte has left the SR (i.e. 8 bit periods later), the Tx_done interrupt source is asserted
and the user can exit Tx mode after waiting at least 1 bit period from the last bit processed by modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com