Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF64 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # RF64
Description  ADVANCED COMMUNICATIONS & SENSING
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF64 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button RF64 Datasheet HTML 41Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 42Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 43Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 44Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 45Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 46Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 47Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 48Page - List of Unclassifed Manufacturers RF64 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 45 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
If the transmitter is switched off (for example due to entering another chip mode) during transmission it will stop
immediately, even if there is still unsent data.
Figure 39 illustrates Tx processing with a 16 byte FIFO depth and Tx_start_irq_0=0. Please note that in this
example the packet length is equal to FIFO size, but this does not need to be the case, the uC can use the FIFO
interrupts anytime during Tx to manage FIFO contents and write additional bytes.
Start condition
(Cf. Tx_start_irq_0)
Fifofull
/Fifoempty
Tx_done
from
SPI Data
15
FIFO
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Data Tx
(from SR)
XXX
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
b12
b13
b14
b15
XXX
Figure 39: Tx processing in Buffered Mode (FIFO size = 16, Tx_start_irq_0=0)
5.4.3. Rx Processing
After entering Rx in Buffered mode, the chip requires the uC to retrieve the received data from the FIFO. The FIFO
will actually start being filled with received bytes either; when a Sync word has been detected (in this case only the
bytes following the Sync word are filled into the FIFO) or when the Fifo_fill bit is asserted by the user - depending
on the state of bit, IRQParam_Fifo_fill_method.
In Buffered mode, the packet length is not limited i.e. as long as Fifo_fill is set, the received bytes are shifted into
the FIFO.
The uC software must therefore manage the transfer of the FIFO contents by interrupt and ensure reception of the
correct number of bytes. (In this mode, even if the remote transmitter has stopped, the demodulator will output
random bits from noise)
When the FIFO is full, Fifofull IRQ source is asserted to alert the uC, that at that time, the FIFO can still be unfilled
without data loss. If the FIFO is not unfilled, once the SR is also full (i.e. 8 bits periods later) Fifo_overrun_clr is
asserted and
SR‟s content is lost.
Figure 40 illustrates an Rx processing with a 16 bytes FIFO size and Fifo_fill_method=0. Please note that in the
illustrative example of section 5.4.6, the uC does not retrieve any byte from the FIFO through SPI Data, causing
overrun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com