Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658T-I/CL Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC18LC658T-I/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658T-I/CL Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC18LC658T-I/CL Datasheet HTML 88Page - Microchip Technology PIC18LC658T-I/CL Datasheet HTML 89Page - Microchip Technology PIC18LC658T-I/CL Datasheet HTML 90Page - Microchip Technology PIC18LC658T-I/CL Datasheet HTML 91Page - Microchip Technology PIC18LC658T-I/CL Datasheet HTML 92Page - Microchip Technology PIC18LC658T-I/CL Datasheet HTML 93Page - Microchip Technology PIC18LC658T-I/CL Datasheet HTML 94Page - Microchip Technology PIC18LC658T-I/CL Datasheet HTML 95Page - Microchip Technology PIC18LC658T-I/CL Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 366 page
background image
PIC18CXX8
DS30475A-page 92
Advanced Information
 2000 Microchip Technology Inc.
TABLE 8-3:
PORTB FUNCTIONS
TABLE 8-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit#
Buffer
Function
RB0/INT0
bit0
TTL/ST(1)
Input/output pin or external interrupt 0 input. Internal software
programmable weak pull-up.
RB1/INT1
bit1
TTL/ST(1)
Input/output pin or external interrupt 1 input. Internal software
programmable weak pull-up.
RB2/INT2
bit2
TTL/ST(1)
Input/output pin or external interrupt 2 input. Internal software
programmable weak pull-up.
RB3/INT3
bit3
TTL/ST(1)
Input/output pin or external interrupt 3 input. Internal software
programmable weak pull-up.
RB4
bit4
TTL
Input/output pin (with interrupt-on-change). Internal software programmable
weak pull-up.
RB5
bit5
TTL
Input/output pin (with interrupt-on-change). Internal software programmable
weak pull-up.
RB6
bit6
TTL/ST(2)
Input/output pin (with interrupt-on-change). Internal software programmable
weak pull-up. Serial programming clock.
RB7
bit7
TTL/ST(2)
Input/output pin (with interrupt-on-change). Internal software programmable
weak pull-up. Serial programming data.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1: This buffer is a Schmitt Trigger input when configured as the external interrupt.
2: This buffer is a Schmitt Trigger input when used in Serial Programming mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
RESETS
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
LATB
LATB Data Output Register
xxxx xxxx
uuuu uuuu
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
INTCON
GIE/
GIEH
PEIE/
GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
INTEDG3
TMR0IP
INT3IP
RBIP
1111 1111
1111 1111
INTCON3
INT2IP
INT1IP
INT3IE
INT2IE
INT1IE
INT3IF
INT2IF
INT1IF
1100 0000
1100 0000
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com