Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3997 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3997
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3997 Datasheet(HTML) 1 Page - Texas Instruments

  LP3997 Datasheet HTML 1Page - Texas Instruments LP3997 Datasheet HTML 2Page - Texas Instruments LP3997 Datasheet HTML 3Page - Texas Instruments LP3997 Datasheet HTML 4Page - Texas Instruments LP3997 Datasheet HTML 5Page - Texas Instruments LP3997 Datasheet HTML 6Page - Texas Instruments LP3997 Datasheet HTML 7Page - Texas Instruments LP3997 Datasheet HTML 8Page - Texas Instruments LP3997 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LP3997
VIN
Enable
DELAY
VOUT
Error/POR
VIN
SD
SENSE
VOUT
CBYP
ERROR
2.2 PF
2.2 PF
470k
GND
1
7
6
5
4
8
2
3
0.1 PF
0.1 PF
LP3997
www.ti.com
SNVS272B – MAY 2004 – REVISED MAY 2013
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
Check for Samples: LP3997
1
FEATURES
DESCRIPTION
The LP3997 regulator is designed to meet the
2
•
Low 140-mV Dropout at 250-mA Load
requirements of portable, battery-powered systems,
•
Stable With Ceramic Capacitor.
providing accurate output voltage, low noise, and low
•
Low Noise With Bypass Capacitor
quiescent current. The LP3997 provides 3.3V output
at up to 250mA load current. The chip architecture is
•
Less Than 80 µA Typical IQ at 250 mA
capable of providing output voltages as low as 0.8V.
•
Virtually Zero IQ (Disabled)
When switched in shutdown mode, the power
•
Thermal and Short Circuit Protection
consumption is virtually zero.
•
3.3-V Output (1)
The LP3997 is designed to be stable with space
•
8-Lead VSSOP Package (2)
saving ceramic output capacitor as small as 1µF.
The LP3997 also includes an out-of-regulation error
APPLICATIONS
flag. When the output is more than 5% below its
•
Portable Consumer Electronics
nominal voltage, the error flag sets to low. If a
capacitor is connected to device’s delay pin, a
•
Cellular Handsets
delayed power-on reset signal will be generated.
•
Laptop and Palm Computers
•
PDAs
•
Digital Cameras
(1)
For other voltage options, contact your TI sales office
(2)
For other package options, contact your TI sales office.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3997

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Texas Instruments
LP3997 TI2-LP3997 Datasheet
1Mb / 19P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
REVISED MAY 2013
logo
National Semiconductor ...
LP3997MM-3.3 NSC-LP3997MM-3.3 Datasheet
279Kb / 11P
Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Texas Instruments
LP3997MM-3.3/NOPB TI2-LP3997MM-3.3/NOPB Datasheet
1Mb / 19P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
REVISED MAY 2013
LP3997MM-3.3/NOPB.A TI2-LP3997MM-3.3/NOPB.A Datasheet
1Mb / 19P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
REVISED MAY 2013
More results

Similar Description - LP3997

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
19-Apr-04
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
28-Jun-04
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
01-Apr-02
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag
20-Jun-05
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
20-Jun-05
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
15-Oct-01
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
16-May-05
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
23-Nov-09
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
20-Jun-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com