Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3997 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3997
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3997 Datasheet(HTML) 3 Page - Texas Instruments

  LP3997 Datasheet HTML 1Page - Texas Instruments LP3997 Datasheet HTML 2Page - Texas Instruments LP3997 Datasheet HTML 3Page - Texas Instruments LP3997 Datasheet HTML 4Page - Texas Instruments LP3997 Datasheet HTML 5Page - Texas Instruments LP3997 Datasheet HTML 6Page - Texas Instruments LP3997 Datasheet HTML 7Page - Texas Instruments LP3997 Datasheet HTML 8Page - Texas Instruments LP3997 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LP3997
www.ti.com
SNVS272B – MAY 2004 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Input Voltage
-0.3 to 6.5V
Output Voltage
-0.3 to (VIN + 0.3V) with 6.5V (max)
SD Input Voltage
-0.3 to (VIN + 0.3V) with 6.5V (max)
Junction Temperature
150°C
Lead/Pad Temp.
VSSOP
260°C
Storage Temperature
-65 to 150°C
Continuous Power Dissipation
Internally Limited(4)
Human Body Model(5)
2KV
All Pins Except CBYP
Machine Model
200V
ESD
Human Body Model(5)
1KV
CBYP Pin
Machine Model
100V
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
All Voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage.
(5)
The human body model is 100pF discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.
Operating Ratings
(1)
Input Voltage
2V to 6V
Junction Temperature
-40°C to 125°C
Ambient Temperature TA Range
(2)
-40°C to 85°C
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125°C), the
maximum power dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max-op) - (θJA × PD(max)).
Thermal Properties
(1)
Junction To Ambient Thermal Resistance(2),
θJA (VSSOP)
210°C/W
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power
dissipation is possible, special care must be paid to thermal dissipation issues in board design.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com