Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38869MHE/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP38869MHE/NOPB
Description  1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38869MHE/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP38869MHE/NOPB Datasheet HTML 3Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 4Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 5Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 6Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 7Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 8Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 9Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 10Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
1m
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
0
10
20
30
40
50
-500
-400
-300
-200
-100
0
100
200
300
400
500
TIME (ms)
1
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
10
100
1k
10k
100k
10m
100m
1
10
FREQUENCY (Hz)
LP38869
www.ti.com
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = 5.0V, VSHDN = VIN, VSET = 0.0V, VOUT = 2.5V, SS = Open, CIN = 1 µF, COUT = 1 µF
MLCC, IOUT = 100mA
PSRR vs Frequency
Output Noise Density
Figure 14.
Figure 15.
Output Noise vs. IOUT
Output Noise
Figure 16.
Figure 17.
Load Transient Response, VIN = 5.0V
Load Transient Response, VIN = 3.0V
Figure 18.
Figure 19.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com