Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38869MHE/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP38869MHE/NOPB
Description  1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38869MHE/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP38869MHE/NOPB Datasheet HTML 1Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 2Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 3Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 4Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 5Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 6Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 7Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 8Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1 PF
ON-
OFF-
VOUT
1 PF
LP38869
OUT
OUT
OUT
OUT
SET
GND
IN
IN
IN
IN
SS
SHDN
RST
DAP
RESET
VIN
CSS
LP38869
www.ti.com
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
Check for Samples: LP38869
1
FEATURES
DESCRIPTION
The LP38869 low-dropout linear regulator operates
2
•
Operating Input Supply Range: +2.7V to + 5.5V
with an input voltage supply from +2.7V to +5.5V
•
Maximum Continuous Output Current: 1A
input, and delivers a specified 1A load current with a
•
Preset Output Voltage of 2.5V, or Adjustable
low 200 mV dropout. The high 50 dB PSRR at 100
Output Voltage From 0.8V to 5.0V
kHz results from a high gain control loop that also
yields excellent transient response. Coupled with a
•
Pre-Set Output Initial VOUT Tolerance ±0.5%
high
accuracy
output
voltage,
±0.75
%
over
•
Adjustable VREF Tolerance of ±0.75%
temperature, the LP38869 is an ideal power supply
•
PSRR of 50dB at 100kHz
for FPGAs, DSPs or MCUs. Output voltage is preset
at +2.5V, or may be adjustable between +0.8V to +5V
•
Low 200 mV Dropout at 1A
with an external resistor divider.
•
Typical 2 µA Supply Current in Shutdown
The LP38869 only needs 1
μF output capacitance for
Mode
stability. The FlexCap compensation allows the use of
•
Adjustable Soft-Start for Output Current
any type of output capacitor, regardless of ESR.
•
Fold-Back Output Current Limit
Other features include: Soft-Start; delayed reset
•
Stable With Ceramic, Tantalum, or Aluminum
output; low-power shutdown; short-circuit protection;
and thermal shutdown protection
Capacitors
•
Stable With 1uF Input/Output Capacitors
Ground Pin Current: Typically less than 1 mA at 1A
load
•
Thermal Shutdown
•
16-pin HTSSOP Package
Shutdown Mode: Typically 2 µA quiescent current
when the SHDN pin is pulled low.
APPLICATIONS
Simplified Compensation: Stable with any type of
output capacitor.
•
DSA, FPGA and MCU Power Supply
•
SMPS Post-Regulator
•
Applications Requiring Sequencing
•
Gibabit SERDES Termination Supply
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38869MHE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38869MHE/NOPB TI2-LP38869MHE/NOPB Datasheet
851Kb / 27P
LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
REVISED APRIL 2013
LP38869MHE/NOPB.A TI2-LP38869MHE/NOPB.A Datasheet
851Kb / 27P
LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
REVISED APRIL 2013
More results

Similar Description - LP38869MHE/NOPB

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com