Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9622 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9622
Description  16-bit Fm I2C-bus 100 mA 40 V LED driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9622 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9622 Datasheet HTML 1Page - NXP Semiconductors PCA9622 Datasheet HTML 2Page - NXP Semiconductors PCA9622 Datasheet HTML 3Page - NXP Semiconductors PCA9622 Datasheet HTML 4Page - NXP Semiconductors PCA9622 Datasheet HTML 5Page - NXP Semiconductors PCA9622 Datasheet HTML 6Page - NXP Semiconductors PCA9622 Datasheet HTML 7Page - NXP Semiconductors PCA9622 Datasheet HTML 8Page - NXP Semiconductors PCA9622 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
PCA9622
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 2 June 2014
5 of 40
NXP Semiconductors
PCA9622
16-bit Fm+ I2C-bus 100 mA 40 V LED driver
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for TSSOP32
VDD
SDA
SCL
A6
A5
OE
LED15
LED14
VSS
LED13
LED12
LED11
LED10
VSS
LED9
LED8
VSS
A0
A1
A2
A3
A4
LED0
LED1
VSS
LED2
LED3
LED4
LED5
VSS
LED6
LED7
PCA9622DR
002aad530
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
17
20
19
22
21
24
23
26
25
32
31
30
29
28
27
Table 3.
Pin description
Symbol
Pin
Type
Description
VSS
1
power supply
supply ground
A0
2
I
address input 0
A1
3
I
address input 1
A2
4
I
address input 2
A3
5
I
address input 3
A4
6
I
address input 4
LED0
7
O
LED driver 0
LED1
8
O
LED driver 1
VSS
9
power supply
supply ground
LED2
10
O
LED driver 2
LED3
11
O
LED driver 3
LED4
12
O
LED driver 4
LED5
13
O
LED driver 5
VSS
14
power supply
supply ground
LED6
15
O
LED driver 6
LED7
16
O
LED driver 7
LED8
17
O
LED driver 8
LED9
18
O
LED driver 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com