Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9622 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9622
Description  16-bit Fm I2C-bus 100 mA 40 V LED driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9622 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9622 Datasheet HTML 17Page - NXP Semiconductors PCA9622 Datasheet HTML 18Page - NXP Semiconductors PCA9622 Datasheet HTML 19Page - NXP Semiconductors PCA9622 Datasheet HTML 20Page - NXP Semiconductors PCA9622 Datasheet HTML 21Page - NXP Semiconductors PCA9622 Datasheet HTML 22Page - NXP Semiconductors PCA9622 Datasheet HTML 23Page - NXP Semiconductors PCA9622 Datasheet HTML 24Page - NXP Semiconductors PCA9622 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
PCA9622
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 2 June 2014
21 of 40
NXP Semiconductors
PCA9622
16-bit Fm+ I2C-bus 100 mA 40 V LED driver
Fig 14. Read all registers using the Auto-Increment feature
A5 A4 A3 A2 A1 A0 0
A
S A6
slave address
START condition
R/W
acknowledge
from slave
002aac151
0
0
0
0
0
0
0
1
control register
Auto-Increment on
Auto-Increment
on all registers
A
acknowledge
from slave
(cont.)
(cont.)
MODE1
register
selection
data from MODE1 register
A
acknowledge
from master
Sr
ReSTART
condition
A5 A4 A3 A2 A1 A0 1
A
A6
slave address
R/W
acknowledge
from slave
data from MODE2 register
A
acknowledge
from master
data from PWM0
A
acknowledge
from master
data from
ALLCALLADR register
A
acknowledge
from master
data from
MODE1 register
A
acknowledge
from master
(cont.)
(cont.)
data from last read byte
A
not acknowledge
from master
P
STOP
condition
(1) In this example, several PCA9622s are used and the same sequence (A) (above) is sent to each of them.
(2) ALLCALL bit in MODE1 register is equal to 1 for this example.
(3) OCH bit in MODE2 register is equal to 1 for this example.
Fig 15. LED All Call I2C-bus address programming and LED All Call sequence example
A5 A4 A3 A2 A1 A0
0
A
S A6
slave address(1)
START condition
R/W
acknowledge
from slave
002aac152
X
X
1
1
0
1
1
X
control register
Auto-Increment on
A
acknowledge
from slave
ALLCALLADR
register selection
0
1
0
1
0
1
X
1
new LED All Call I2C address(2)
P
STOP
condition
A
acknowledge
from slave
0
1
0
1
0
1
0
A
S
1
LED All Call I2C address
START condition
R/W
acknowledge
from the
4 devices
X
X
0
1
0
0
0
X
control register
A
acknowledge
from the
4 devices
LEDOUT
register selection
1
0
1
0
1
0
1
0
LEDOUT register (LED fully ON)
P
STOP
condition
A
acknowledge
from the
4 devices
the 16 LEDs are on at the acknowledge(3)
sequence (A)
sequence (B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com