Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC510
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC510 Datasheet HTML 7Page - Microchip Technology TC510 Datasheet HTML 8Page - Microchip Technology TC510 Datasheet HTML 9Page - Microchip Technology TC510 Datasheet HTML 10Page - Microchip Technology TC510 Datasheet HTML 11Page - Microchip Technology TC510 Datasheet HTML 12Page - Microchip Technology TC510 Datasheet HTML 13Page - Microchip Technology TC510 Datasheet HTML 14Page - Microchip Technology TC510 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21428B-page 11
TC500/A/510/514
6.0
TYPICAL APPLICATIONS
6.1
Component Value Selection
The procedure outlined below allows the user to arrive
at values for the following TC5XX design variables:
1.
Integration Phase Timing
2.
Integrator Timing Components (RINT,CINT)
3.
Auto Zero and Reference Capacitors
4.
Voltage Reference
6.2
Select Integration Time
Integration time must be picked as a multiple of the
period of the line frequency. For example, TINT times of
33msec, 66msec and 132msec maximize 60Hz line
rejection.
6.3
DINT and IZ Phase Timing
The duration of the DINT phase is a function of the
amount of voltage stored on the integrator during TINT
and the value of VREF. The DINT phase must be initi-
ated immediately following INT and terminated when
an integrator output zero-crossing is detected. In gen-
eral, the maximum number of counts chosen for DINT
is twice thatofINT (with VREF chosen at VIN(MAX) /2).
6.4
Calculate Integrating Resistor
(RINT)
The desired full scale input voltage and amplifier output
current capability determine the value of RINT.The
buffer and integrator amplifiers each have a full-scale
currentof20
µA.
The value of RINT is therefore directly calculated in the
following equation:
EQUATION 6-1:
6.5
Select Reference (CREF)and Auto
Zero (CAZ) Capacitors
CREF and CAZ must be low leakage capacitors (such as
polypropylene). The slower the conversion rate, the
larger the value CREF must be. Recommended capac-
itors for CREF and CAZ are shown in Table 6-1. Larger
values for CAZ and CREF mayalsobe usedtolimit
rollover errors.
TABLE 6-1:
CREF AND CAZ SELECTION
6.6
Calculate Integrating Capacitor
(CINT)
The integrating capacitor must be selected to maximize
integrator output voltage swing. The integrator output
voltage swing is defined as the absolute value of VDD
(or VSS)less0.9V (i.e., IVDD - 0.9VI or IVSS +0.9VI).
Using the 20
µA buffer maximum output current, the
value of the integrating capacitor is calculated using the
following equation.
EQUATION 6-2:
It is critical that the integrating capacitor has a very low
dielectric absorption. Polypropylene capacitors are an
example of one such dielectic. Polyester and Polybicar-
bonate capacitors may also be used in less critical
applications. Table 6-2 summarizes recommended
capacitors for CINT.
TABLE 6-2:
RECOMMENDED CAPACITOR
FOR CINT
6.7
Calculate VREF
The reference deintegration voltage is calculated using
the following equation:
EQUATION 6-3:
VIN(MAX)
20
RINT(in MΩ)=
Where:
VIN(MAX) = Maximum input voltage (full count voltage)
RINT = Integrating Resistor (in MΩ)
For loop stability, RINT should be ≥ 50kΩ.
Conversions
Per Second
Typical Value of
CREF,CAZ (µF)
Suggested* Part
Number
>7
0.1
SMR5 104K50J01L4
2 to 7
0.22
SMR5 224K50J02L4
2 or less
0.47
SMR5 474K50J04L4
Note:
Manufactured by Evox-Rifa, Inc.
Value
Suggested Part Number*
0.1
SMR5 104K50J01L4
0.22
SMR5 224K50J02L4
0.33
SMR5 334K50J03L4
0.47
SMR5 474K50J04L4
Note:
Manufactured by Evox-Rifa, Inc.
CINT =
(VS -0.9)
(TINT)(20 x 10
-6)
µF
Where:
TINT = Integration Period
VS =IVDDIorIVSSI, whichever is less (TC500/A
VS =IVDDI (TC510, TC514)
(VS –0.9) (CINT)(RINT)
VREF =
2(RINT)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com