Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC510
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC510 Datasheet HTML 8Page - Microchip Technology TC510 Datasheet HTML 9Page - Microchip Technology TC510 Datasheet HTML 10Page - Microchip Technology TC510 Datasheet HTML 11Page - Microchip Technology TC510 Datasheet HTML 12Page - Microchip Technology TC510 Datasheet HTML 13Page - Microchip Technology TC510 Datasheet HTML 14Page - Microchip Technology TC510 Datasheet HTML 15Page - Microchip Technology TC510 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TC500/A/510/514
DS21428B-page 12
© 2002 Microchip Technology Inc.
7.0
DESIGN CONSIDERATIONS
7.1
Noise
The threshold noise (NTH) is the algebraic sum of the
integrator noise and the comparator noise. This value
is typically 30
µV. Figure 7-1 shows how the value of the
reference voltage can affect the final count. Such errors
can be reduced by increased integration times, in the
same way that 50/60Hz noise is rejected. The signal-
to-noise ratio is related to the integration time (TINT)
and the integration time constant (RINT) (CINT)asfol-
lows:
EQUATION 7-1:
7.2
System Timing
To obtain maximum performance from the TC5XX, the
overshoot at the end of the De-integration phase must
be minimized. Also, the Integrator Output Zero phase
must be terminated as soon as the comparator output
returns high. (See Figure 4-1).
Figure 4-1 shows the overall timing for a typical system
in which a TC5XX is interfaced to a microcontroller. The
microcontroller drives the A, B inputs with I/O lines and
monitors the comparator output, CMPTR, using an I/O
line or dedicated timer capture control pin. It may be
necessary to monitor the state of the CMPTR output in
addition to having it control a timer directly for the Ref-
erence De-integration phase. (This is further explained
below.)
The timing diagram in Figure 4-1 is not to scale, as the
timing in a real system depends on many system
parameters and component value selections. There
are four critical timing events (as shown in Figure 4-1):
sampling the input polarity; capturing the de-integration
time; minimizing overshoot and properly executing the
Integrator Output Zero phase.
7.3
Auto Zero Phase
The length of this phase is usually set to be equal to the
Input Signal Integration time. This decision is virtually
arbitrary since the magnitudes of the various system
errors are not known. Setting the Auto Zero time equal
to the Input Integrate time should be more than
adequate to null out system errors. The system may
remain in this phase indefinitely (i.e., Auto Zero is the
appropriate Idle state for a TC5XX device).
7.4
Input Signal Integrate Phase
The length of this phase is constant from one conver-
sion to the next and depends on system parameters
and component value selections. The calculation of
TINT is shown elsewhere in this data sheet. At some
point near the end of this phase, the microcontroller
should sample CMPTR to determine the input signal
polarity. This value is, in effect, the Sign Bit for the over-
all conversion result. Optimally, CMPTR should be
sampled just before this phase is terminated by chang-
ing AB from 10 to 11. The consideration here is that,
during the initial stage of input integration when the
integrator voltage is low, the comparator may be
affected by noise and its output unreliable. Once inte-
gration is well underway, the comparator will be in a
defined state.
7.5
Reference De-integration
The length of this phase must be precisely measured
from the transition of AB from 10 to 11 to the falling
edge of CMPTR. The comparator delay contributes
some error in timing this phase. The typical delay is
specifiedto be2
µsec. This should be considered in the
context of the length of a single count when
determining overall system performance and possible
single count errors. Additionally, Overshoot will result in
charge accumulating on the integrator after its output
crosses zero. This charge must be nulled during the
Integrator Output Zero phase.
VIN
tINT
30 x 10–6
(RINT)• (CINT)
S/N (dB) = 20 Log
•
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com