Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 3 Page - Microchip Technology

Part # TC510CPF
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510CPF Datasheet(HTML) 3 Page - Microchip Technology

  TC510CPF Datasheet HTML 1Page - Microchip Technology TC510CPF Datasheet HTML 2Page - Microchip Technology TC510CPF Datasheet HTML 3Page - Microchip Technology TC510CPF Datasheet HTML 4Page - Microchip Technology TC510CPF Datasheet HTML 5Page - Microchip Technology TC510CPF Datasheet HTML 6Page - Microchip Technology TC510CPF Datasheet HTML 7Page - Microchip Technology TC510CPF Datasheet HTML 8Page - Microchip Technology TC510CPF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21428B-page 3
TC500/A/510/514
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
TC510/TC514 Positive Supply Voltage
(VDD to GND) ......................................... +10.5V
TC500/TC500A Supply Voltage
(VDD to VSS) ..............................................+18V
TC500/TC500A Positive Supply Voltage
(VDD to GND) ............................................+12V
TC500/TC500A Negative Supply Voltage
(VSS to GND)................................................-8V
Analog Input Voltage (VIN+or VIN-) ............VDD to VSS
Logic Input Voltage...............VDD +0.3V to GND - 0.3V
Voltage on OSC:
........................... -0.3V to (VDD +0.3V) for VDD <5.5V
Ambient Operating Temperature Range:
................................................................ 0°C to +70°C
Storage Temperature Range: ............. -65°C to +150°C
*Stresses above those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the
device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC500/A/510/514 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TC510/TC514: VDD = +5V, TC500/TC500A: VSS = ±5V unless otherwise specified.
CAZ =CREF =0.47µF.
Symbol
Parameter
TA =+25°C
TA =0°C to 70°C
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
Analog
Resolution
60
—
—
—
——
µVNote 1
ZSE
Zero Scale Error
with Auto Zero Phase
—
—
—
—
0.005
0.003
—
—
0.005
0.003
0.012
0.009
% F.S.
TC500/510/514
TC500A
ENL
End Point Linearity
—
—
0.005
—
0.015
0.010
—
—
0.015
0.010
0.060
0.045
%F.S.
%F.S.
TC500/510/514,
Note 1, Note 2,
TC500A
NL
Best Case Straight
Line Linearity
—
0.003
0.008
—
—
—
% F.S.
TC500/510/514,
Note 1, Note 2
—
—
0.005
—
—
—
% F.S.
TC500A
ZSTC
Zero-Scale Temp.
Coefficient
——
—
—
12
µV/°C
Over Operating
Temperature Range
SYE
Full-Scale Symmetry
Error (Roll-Over Error)
—0.01
—
—
0.03
—
% F.S.
Note 3
FSTC
Full-Scale Tempera-
ture Coefficient
——
—
—
10
—
ppm/°C Over Operating
Temperature Range;
External Reference
TC = 0 ppm/°C
IIN
Input Current
—
6
—
—
——
pA
VIN =0V
Note
1:
Integrate time
≥ 66msec, auto zero time ≥ 66msec, V
INT (peak) ≈ 4V.
2:
End point linearity at ±1/4, ±1 /2, ±3/4 F.S. after full-scale adjustment.
3:
Roll-over error is related to CINT,CREF,CAZ characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com