Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 15 Page - Microchip Technology

Part # TC510CPF
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510CPF Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC510CPF Datasheet HTML 11Page - Microchip Technology TC510CPF Datasheet HTML 12Page - Microchip Technology TC510CPF Datasheet HTML 13Page - Microchip Technology TC510CPF Datasheet HTML 14Page - Microchip Technology TC510CPF Datasheet HTML 15Page - Microchip Technology TC510CPF Datasheet HTML 16Page - Microchip Technology TC510CPF Datasheet HTML 17Page - Microchip Technology TC510CPF Datasheet HTML 18Page - Microchip Technology TC510CPF Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21428B-page 15
TC500/A/510/514
FIGURE 8-1:
TC510 DESIGN SAMPLE
FIGURE 8-2:
TC514 DESIGN EXAMPLE
Microcontroller
INPUT+
INPUT–
+5V
+5V
Pin 2
Pin 19
Pin 2
Pin 19
CINT
0.33
µF
VIN+
Typical Waveforms
1µF
1
µF
CAZ
0.22
µF
CREF
VIN-
RINT
100k
1
2
3
4
16
15
CAP-
5
6
7
9
19
18
17
8
21
22
23
24
DGND
VREF-
VOUT-
A
B
CREF-
CINT
CAZ
BUF
ACOM
TC510
VREF+
VIN+
VIN-
CAP+
VDD
CMPTR
0.22
µF
C1
0.01
µF
R2
10k
+5V
R3, 10k
MCP1525
1µF
CREF+
Microcontroller
+5V
5V
+
PIN 2
PIN 23
PIN 2
PIN 23
CINT
0.33
µF
VIN+
Typical Waveforms
1µF
1
µF
CAZ
0.22
µF
CREF
0.22
µF
VIN
RINT
100k
1
2
3
4
CAP-
5
6
7
23
22
21
25
26
27
28
DGND
VOUT-
A
B
CREF-
CINT
CAZ
BUF
ACOM
TC514
CAP+
VDD
CMPTR
Analog
Mux Logic
INPUT 1+
INPUT 1–
INPUT 2+
INPUT 2–
INPUT 3+
INPUT 3–
INPUT4+
INPUT4–
18
13
A1
CH1+
17
12
CH2+
CH2–
16
11
CH3+
CH3–
15
10
CH4+
CH4–
22
19
A0
CH1–
9
8
C1, .01
µF
1
µF
10k
10k
+5V
MCP1525
CREF+
VREF+
VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com