Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W949D6KB Datasheet(PDF) 39 Page - Winbond

Part # W949D6KB
Description  Power Down Mode
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W949D6KB Datasheet(HTML) 39 Page - Winbond

Back Button W949D6KB Datasheet HTML 35Page - Winbond W949D6KB Datasheet HTML 36Page - Winbond W949D6KB Datasheet HTML 37Page - Winbond W949D6KB Datasheet HTML 38Page - Winbond W949D6KB Datasheet HTML 39Page - Winbond W949D6KB Datasheet HTML 40Page - Winbond W949D6KB Datasheet HTML 41Page - Winbond W949D6KB Datasheet HTML 42Page - Winbond W949D6KB Datasheet HTML 43Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
W949D6KB / W949D2KB
Publication Release Date: Dec. 11, 2014
Revision: A01-002
- 39 -
8.6.7
Random Write Cycles
Full-speed random write accesses within a page or pages can be performed as shown in below figure.
BA,Col n
BA,Col b
WRITE
WRITE
NOP
CK
CK
Command
Address
1) Dl b etc. = Data in to column b, etc.;
b', etc. = the next Data In following Dl b, etc. according to the programmed burst order
2) Programmed burst length = 2, 4, 8 or 16 in cases shown. If burst of 4, 8 or 16, burst would be truncated
3) Each WRITE command may be to any active bank and may be to the same or different devices.
WRITE
WRITE
WRITE
= Don't Care
DQS
DQ
DM
BA,Col a
BA,Col x
BA,Col n
BA,Col g
DI b
DI b'
DI x
DI x'
DI n
DI n'
DI a
DI a'
tDQSSmax
8.6.8
Write to Read
Data for any Write burst may be followed by a subsequent READ command.
8.6.9
Non-Interrupting Write to Read
To follow a Write without truncating the write burst, tWTR should be met as shown in the figure below.
BA,Col b
WRITE
NOP
NOP
CK
CK
Command
Address
1) Dl b = Data in to column b
3 subsequent elements of Data In are applied in the programmed order following DI b.
2) A non-interrupted burst of 4 is shown.
3) tWTR is referenced from the positive clock edge after the last Data In pair.
4) A10 is LOW with the WRITE command (Auto Precharge is disabled)
5) The READ and WRITE commands are to the same device but not necessarily to the same bank.
NOP
NOP
READ
= Don't Care
DQS
DQ
DM
BA,Col n
tWTR
CL=3
DI b
NOP
tDQSSmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com