Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W949D6KB Datasheet(PDF) 49 Page - Winbond

Part # W949D6KB
Description  Power Down Mode
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W949D6KB Datasheet(HTML) 49 Page - Winbond

Back Button W949D6KB Datasheet HTML 45Page - Winbond W949D6KB Datasheet HTML 46Page - Winbond W949D6KB Datasheet HTML 47Page - Winbond W949D6KB Datasheet HTML 48Page - Winbond W949D6KB Datasheet HTML 49Page - Winbond W949D6KB Datasheet HTML 50Page - Winbond W949D6KB Datasheet HTML 51Page - Winbond W949D6KB Datasheet HTML 52Page - Winbond W949D6KB Datasheet HTML 53Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
W949D6KB / W949D2KB
Publication Release Date: Dec. 11, 2014
Revision: A01-002
- 49 -
9.
ELECTRICAL CHARACTERISTICS
9.1
Absolute Maximum Ratings
PARAMETER
SYMBOL
VALUES
UNITS
MIN.
MAX.
Voltage on VDD relative to VSS
VDD
-0.5
2.3
V
Voltage on VDDQ relative to VSS
VDDQ
-0.5
2.3
V
Voltage on any pin relative to VSS
VIN, VOUT
-0.5
2.3
V
Operating Case Temperature
TCASE
-25
85
°C
-40
85
Storage Temperature
TSTG
-55
150
°C
Short Circuit Output Current
IOUT
±50
mA
Power Dissipation
PD
1.0
W
Notes:
Stresses greater than those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
9.2
Input / Output Capacitance
PARAMETER
SYMBOL
MIN.
MAX.
UNITS
NOTES
Input Capacitance CK, CK
CCK
1.5
3.0
pF
Input Capacitance delta CK, CK
CDCK
0.25
pF
Input capacitance, all other input-only pins
CI
1.5
3.0
pF
Input capacitance delta, all other input-only pins
CDI
0.5
pF
Input/ output capacitance, DQ,DM,DQS
CIO
3.0
5.0
pF
3
Input/output capacitance delta, DQ, DM, DQS
CDIO
0.5
pF
3
Notes
1. These values are guaranteed by design and are tested on a sample base only.
2. These capacitance values are for single monolithic devices only. Multiple die packages will have parallel capacitive loads.
3. Although DM is an input-only pin, the input capacitance of this pin must model the input capacitance of the DQ and DQS
pins. This is required to match signal propagation times of DQ, DQS and DM in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com