Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7106 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7106 Datasheet HTML 2Page - Microchip Technology TC7106 Datasheet HTML 3Page - Microchip Technology TC7106 Datasheet HTML 4Page - Microchip Technology TC7106 Datasheet HTML 5Page - Microchip Technology TC7106 Datasheet HTML 6Page - Microchip Technology TC7106 Datasheet HTML 7Page - Microchip Technology TC7106 Datasheet HTML 8Page - Microchip Technology TC7106 Datasheet HTML 9Page - Microchip Technology TC7106 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TC7106/A/TC7107/A
DS21455B-page 6
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
(40-Pin PDIP)
Normal
Pin No.
(40-Pin PDIP)
(Reversed
Symbol
Description
1
(40)
V+
Positive supply voltage.
2(39)
D1
Activates the D section of the units display.
3(38)
C1
Activates the C section of the units display.
4(37)
B1
Activates the B section of the units display.
5(36)
A1
Activates the A section of the units display.
6(35)
F1
Activates the F section of the units display.
7(34)
G1
Activates the G section of the units display.
8(33)
E1
Activates the E section of the units display.
9(32)
D2
Activates the D section of the tens display.
10
(31)
C2
Activates the C section of the tens display.
11
(30)
B2
Activates the B section of the tens display.
12
(29)
A2
Activates the A section of the tens display.
13
(28)
F2
Activates the F section of the tens display.
14
(27)
E2
Activates the E section of the tens display.
15
(26)
D3
Activates the D section of the hundreds display.
16
(25)
B3
Activates the B section of the hundreds display.
17
(24)
F3
Activates the F section of the hundreds display.
18
(23)
E3
Activates the E section of the hundreds display.
19
(22)
AB4
Activates both halves of the 1 in the thousands display.
20
(21)
POL
Activates the negative polarity display.
21
(20)
BP/GND
LCD Backplane drive output (TC7106A). Digital Ground (TC7107A).
22
(19)
G3
Activates the G section of the hundreds display.
23
(18)
A3
Activates the A section of the hundreds display.
24
(17)
C3
Activates the C section of the hundreds display.
25
(16)
G2
Activates the G section of the tens display.
26
(15)
V-
Negative power supply voltage.
27
(14)
VINT
Integrator output. Connection point for integration capacitor. See INTEGRATING
CAPACITOR section for more details.
28
(13)
VBUFF
Integration resistor connection. Use a 47k
Ω resistor for a 200mV full scale range and
a47k
Ω resistor for 2V full scale range.
29
(12)
CAZ
The size of the auto-zero capacitor influences system noise. Use a 0.47
µF capacitor
for 200mV full scale, and a 0.047
µF capacitor for 2V full scale. See Section 7.1 on
Auto-Zero Capacitor for more details.
30
(11)
VIN-
The analog LOW input is connected to this pin.
31
(10)
VIN+
The analog HIGH input signal is connected to this pin.
32
(9)
ANALOG
COMMON
This pin is primarily used to set the Analog Common mode voltage for battery opera-
tion or in systems where the input signal is referenced to the power supply. It also
acts as a reference voltage source. See Section 8.3 on ANALOG COMMON for more
details.
33
(8)
CREF-
See Pin 34.
34
(7)
CREF+A 0.1µF capacitor is used in most applications. If a large Common mode voltage
exists (for example, the VIN- pin is not at analog common), and a 200mV scale is
used, a 1
µF capacitor is recommended and will hold the rollover error to 0.5 count.
35
(6)
VREF-
See Pin 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com