Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7106 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC7106
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC7106 Datasheet HTML 10Page - Microchip Technology TC7106 Datasheet HTML 11Page - Microchip Technology TC7106 Datasheet HTML 12Page - Microchip Technology TC7106 Datasheet HTML 13Page - Microchip Technology TC7106 Datasheet HTML 14Page - Microchip Technology TC7106 Datasheet HTML 15Page - Microchip Technology TC7106 Datasheet HTML 16Page - Microchip Technology TC7106 Datasheet HTML 17Page - Microchip Technology TC7106 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TC7106/A/TC7107/A
DS21455B-page 14
© 2002 Microchip Technology Inc.
Thedifferential reference canalsobe usedwhenadig-
ital zero reading is required when VIN is not equal to
zero. This is common in temperature measuring instru-
mentation. A compensating offset voltage can be
applied between analog common and VIN-. The trans-
ducer output is connected between VIN+ and analog
common.
The internal voltage reference potential available at
analog common will normally be used to supply the
converter's reference. This potential is stable when-
ever the supply potential is greater than approximately
7V. In applications where an externally generated ref-
erence voltage is desired, refer to Figure 7-1.
FIGURE 7-1:
EXTERNAL REFERENCE
8.0
DEVICE PIN FUNCTIONAL
DESCRIPTION
8.1
Differential Signal Inputs
VIN+(Pin31), VIN-(Pin 30)
The TC7106A/7017A is designed with true differential
inputs and accepts input signals within the input stage
common mode voltage range (VCM). The typical range
is V+ – 1.0 to V+ + 1V. Common mode voltages are
removed from the system when the TC7106A/
TC7107A operates from a battery or floating power
source (isolated from measured system) and VIN-is
connected to analog common (VCOM) (see Figure 8-2).
In systems where Common mode voltages exist, the
86dB Common mode rejection ratio minimizes error.
Common mode voltages do, however, affect the inte-
grator output level. Integrator output saturation must be
prevented. A worst case condition exists if a large pos-
itive VCM exists in conjunction with a full scale negative
differential signal. The negative signal drives the inte-
grator output positive along with VCM (see Figure 8-1).
For such applications the integrator output swing can
be reduced below the recommended 2.0V full scale
swing. The integrator output will swing within 0.3V of
V+ or V- without increasing linearity errors.
FIGURE 8-1:
COMMON MODE
VOLTAGE REDUCES
AVAILABLE INTEGRATOR
SWING (VCOM ≠ VIN)
8.2
Differential Reference
VREF+(Pin36), VREF-(Pin 35)
The reference voltage can be generated anywhere
within the V+ to V- power supply range.
To prevent rollover type errors being induced by large
Common mode voltages, CREF should be large com-
pared to stray node capacitance.
The TC7106A/TC7107A circuits have a significantly
lower analog common temperature coefficient. This
gives a very stable voltage suitable for use as a refer-
ence. The temperature coefficient of analog common is
20ppm/°C typically.
8.3
Analog Common(Pin32)
The analog common pin is set at a voltage potential
approximately 3.0V below V+. The potential is between
2.7V and 3.35V below V+. Analog common is tied inter-
nally to the N channel FET capable of sinking 20mA.
This FET will hold the common line at 3.0V should an
external load attempt to pull the common line toward
V+. Analog common source current is limited to 10
µA.
Analog common is, therefore, easily pulled to a more
negative voltage (i.e., below V+ – 3.0V).
The TC7106A connects the internal VIN+and VIN-
inputs to analog common during the auto-zero cycle.
During the reference integrate phase, VIN- is con-
nected to analog common. If VIN- is not externally con-
nected to analog common, a Common mode voltage
exists. This is rejected by the converter's 86dB Com-
mon mode rejection ratio. In battery operation, analog
common and VIN- are usually connected, removing
Common mode voltage concerns. In systems where V-
is connected to the power supply ground, or to a given
voltage, analog common should be connected to VIN-.
TC7106A
TC7107A
6.8V
Zener
IZ
V+
V+
V+
1.2V
Ref
Common
TC7106A
TC7107A
6.8k
Ω
20k
Ω
VREF+
VREF-
VREF+
VREF-
(a)(b)
V+
RI
+
–
VIN
VCM
CI
Integrator
VI =
[
[
VCM – VIN
Input Buffer
CI = Integration Capacitor
RI = Integration Resistor
4000
FOSC
TI = Integration Time =
Where:
VI
–
+
–
+
TI
RI CI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com