Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7135 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC7135
Description  4-1/2 Digit A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC7135 Datasheet HTML 8Page - Microchip Technology TC7135 Datasheet HTML 9Page - Microchip Technology TC7135 Datasheet HTML 10Page - Microchip Technology TC7135 Datasheet HTML 11Page - Microchip Technology TC7135 Datasheet HTML 12Page - Microchip Technology TC7135 Datasheet HTML 13Page - Microchip Technology TC7135 Datasheet HTML 14Page - Microchip Technology TC7135 Datasheet HTML 15Page - Microchip Technology TC7135 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC7135
DS21460B-page 12
© 2002 Microchip Technology Inc.
6.0
TYPICAL APPLICATIONS
6.1
Component Value Selection
6.1.1
INTEGRATING RESISTOR
The integrating resistor RINT is determined by the full
scale input voltage and the output current of the buffer
used to charge the integrator capacitor, CINT. Both the
buffer amplifier and the integrator have a class A output
stage, with 100
µA of quiescent current. A 20µAdrive
current gives negligible linearity errors. Values of 5
µA
to 40
µA give good results. The exact value of an
integrating resistor for a 20
µA current is easily
calculated.
EQUATION 6-1:
6.1.2
INTEGRATING CAPACITOR (CINT)
The product of integrating resistor and capacitor should
be selected to give the maximum voltage swing that
ensures the tolerance buildup will not saturate the inte-
grator swing (approximately 0.3V from either supply).
For ±5V supplies and ANALOG COMMON tied to sup-
ply ground, a ±3.5V to ±4V full scale integrator swing is
adequate. A 0.10
µFto0.47µF is recommended. In
general, the value of CINT is given by:
EQUATION 6-2:
A very important characteristic of the integrating capac-
itor CINT is that it has low dielectric absorption to pre-
vent rollover or ratiometric errors. A good test for
dielectric absorption is to use the capacitor with the
input tied to the reference. This ratiometric condition
should read half scale 0.9999, with any deviation
probably due to dielectric absorption. Polypropylene
capacitors give undetectable errors at reasonable cost.
Polystyrene and polycarbonate capacitors may also be
used in less critical applications.
6.1.3
AUTO ZERO AND REFERENCE
CAPACITORS
The size of the auto zero capacitor has some influence
on the noise of the system. A large capacitor reduces
the noise. The reference capacitor should be large
enough such that stray capacitance to ground from its
nodes is negligible.
The dielectric absorption of the reference and auto zero
capacitors are only important at power-on or when the
circuit is recovering from an overload. Smaller or
cheaper capacitors can be used if accurate readings
are not required for the first few seconds of recovery.
6.1.4
REFERENCE VOLTAGE
The analog input required to generate a full scale out-
put is VIN =2VREF.
The stability of the reference voltage is a major factor in
the overall absolute accuracy of the converter. For this
reason, it is recommended that a high-quality reference
be used where high-accuracy absolute measurements
are being made.
6.2
Conversion Timing
6.2.1
LINE FREQUENCY REJECTION
A signal integration period at a multiple of the 60Hz line
frequency will maximize 60Hz "line noise" rejection. A
100kHz clock frequency will reject 50Hz, 60Hz and
400Hz noise. This corresponds to five readings per
second (see Table 6-1 and Table 6-2).
TABLE 6-1:
CONVERSION RATE VS.
CLOCK FREQUENCY
RINT =
Full scale voltage
20
µA
CINT =
[10,000 x clock period] x IINT
Integrator output voltage swing
=
(10,000) (clock period) (20
µA)
Integrator output voltage swing
Oscillator Frequency
(kHz)
Conversion Rate
(Conv./Sec.)
100
2.5
120
3
200
5
300
7.5
400
10
800
20
1200
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com