Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7135 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC7135
Description  4-1/2 Digit A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7135 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC7135 Datasheet HTML 10Page - Microchip Technology TC7135 Datasheet HTML 11Page - Microchip Technology TC7135 Datasheet HTML 12Page - Microchip Technology TC7135 Datasheet HTML 13Page - Microchip Technology TC7135 Datasheet HTML 14Page - Microchip Technology TC7135 Datasheet HTML 15Page - Microchip Technology TC7135 Datasheet HTML 16Page - Microchip Technology TC7135 Datasheet HTML 17Page - Microchip Technology TC7135 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TC7135
DS21460B-page 14
© 2002 Microchip Technology Inc.
FIGURE 6-2:
4-1/2 DIGIT ADC WITH MULTIPLEXED COMMON ANODE LED DISPLAY
FIGURE 6-3:
RC OSCILLATOR CIRCUIT
FIGURE 6-4:
COMPARATOR CLOCK
CIRCUITS
20
19
18
17
12
23
7
8
16
15
14
13
11
2
1
3
9
10
22
6
5
4
6
2
1
7
5
9–15
16
bc
777
7
DM7447A
Blank MSD On Zero
D1 D2
D3
D4
D5
INT OUT
AZ IN
BUFF
OUT
FIN
+INPUT
–INPUT
ANALOG
COMMON
V –
REF
IN
POL
CREF-
B8
B4
B2
B1
+5V
+5V
X7
0.33
µF
200kHz
+
–
Analog
Input
1
µF
100k
Ω
1
µF
4.7k
Ω
1
µF
1
µF
–5V
100k
Ω
100k
Ω
D
B
C
A
RBI
V+
V+
CREF+
TC7135
MCP1525
R2
R1
FO
Gates are 74C04
C
1. FO =
1
2C(0.41 RP +0.7 R1)
R1 R2
R1 +R2
a. If R1 =R2 =R1,F
≅ 0.55/RC
b. If R2 >> R1,F
≅ 0.45/R
1C
c. If R2 << R1,F
≅ 0.72/R
1C
2. Examples:
a. F = 120kHz, C = 420pF
b. F = 120kHz, C = 420pF, R2 = 50k
Ω
R1 = 8.93k
Ω
c. F = 120 kHz, C = 220 pF, R2 =5k
Ω
R1 = 27.3kΩ
,RP =
R
1 =R2
≈ 10.9 kΩ
+5V
VOUT
390pF
30k
Ω
7
8
2
3
16k
Ω
0.22
µF
16k
Ω
4
1k
Ω
1
+5V
VOUT
2
3
1
4
7
6
R2
100k
Ω
R2
100k
Ω
R3
50k
Ω
C2
10pF
R4
2k
Ω
C1
0.1
µF
LM311
LM311
56k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com