Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2747MTC/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2747MTC/NOPB
Description  Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2747MTC/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM2747MTC/NOPB Datasheet HTML 1Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 2Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 3Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 4Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 5Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 6Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LM2747
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ/SYNC
SS/TRACK
SGND
EAO
PGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ/SYNC
SS/TRACK
SGND
EAO
PGND
VCC = 3.3V
VIN = 3.3V
VOUT = 1.2V@16A
RFB2
CC2
RC1
RCS
CSS
RCC
CCC
D1
CBOOT
Q1
CIN1,2
L1
+
CC1
RFB1
CO1,2
LM2747
RC2
CC3
RPULL-UP
RFADJ
CClk
Clk
Q2
+
LM2747
SNVS370B – MARCH 2006 – REVISED MARCH 2013
www.ti.com
Typical Application
Figure 1. Typical Application Circuit
Connection Diagram
Figure 2. 14-Lead Plastic TSSOP
θJA = 155°C/W
See PW Package
PIN DESCRIPTION
BOOT (Pin 1) -
Bootstrap pin. This is the supply rail for the high-side gate driver. When the high-side MOSFET turns on, the
voltage on this pin should be at least one gate threshold above the regulator input voltage VIN to properly turn on
the MOSFET. See MOSFET GATE DRIVERS in the APPLICATION INFORMATION section for more details on
how to select MOSFETs.
LG (Pin 2) -
Low-gate drive pin. This is the gate drive for the low-side N-channel MOSFET. This signal is interlocked with the
high-side gate drive HG (Pin 14), so as to avoid shoot-through.
PGND (Pins 3, 13) -
Power ground. This is also the ground for the low-side MOSFET driver. Both the pins must be connected together
on the PCB and form a ground plane, which is usually also the system ground.
SGND (Pin 4) -
Signal ground. It should be connected appropriately to the ground plane with due regard to good layout practices in
switching power regulator circuits.
VCC (Pin 5) -
Supply rail for the control sections of the IC.
PWGD (Pin 6) -
Power Good pin. This is an open drain output, which is typically meant to be connected to VCC or any other low
voltage source through a pull-up resistor. Choose the pull-up resistor so that the current going into this pin is kept
below 1 mA. A recommended value for the pull-up resistor is 100 k
Ω for most applications. The voltage on this pin
is thus pulled low under output undervoltage or overvoltage fault conditions and also under input UVLO.
ISEN (Pin 7) -
Current limit threshold setting pin. This sources a fixed 40 µA current. A resistor of appropriate value should be
connected between this pin and the drain of the low-side MOSFET (switch node). The minimum value for this
resistor is 1 k
Ω.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com