Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2747MTC/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2747MTC/NOPB
Description  Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2747MTC/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2747MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM2747MTC/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
+
-
+
VRAMP
+
-
VREF
+
-
RFB2
RFB1
CC1
CC2
RC1
RC2
CC3
L
RL
CO
RO
VIN
RC
+
-
LM2747
www.ti.com
SNVS370B – MARCH 2006 – REVISED MARCH 2013
For this example, the maximum drain-to-source voltage applied to either MOSFET is 3.6V. The maximum drive
voltage at the gate of the high-side MOSFET is 3.1V, and the maximum drive voltage for the low-side MOSFET
is 3.3V. Due to the low drive voltages in this example, a MOSFET that turns on fully with 3.1V of gate drive is
needed. For designs of 5A and under, dual MOSFETs in SO-8 provide a good trade-off between size, cost, and
efficiency.
Support Components
CIN2 A small (0.1 to 1 µF) ceramic capacitor should be placed as close as possible to the drain of the high-side
MOSFET and source of the low-side MOSFET (dual MOSFETs make this easy). This capacitor should be
X5R type dielectric or better.
RCC, CCC These are standard filter components designed to ensure smooth DC voltage for the chip supply. RCC
should be 1 to 10
Ω. CCC should 1 µF, X5R type or better.
CBOOT Bootstrap capacitor, typically 100 nF.
RPULL-UP This is a standard pull-up resistor for the open-drain power good signal (PWGD). The recommended
value is 100 k
Ω connected to VCC. If this feature is not necessary, the resistor can be omitted.
D1
A small Schottky diode should be used for the bootstrap. It allows for a minimum drop for both high and
low-side drivers. The MBR0520 or BAT54 work well in most designs.
RCS
Resistor used to set the current limit. Since the design calls for a peak current magnitude (IOUT + (0.5 x
ΔIOUT)) of 4.8A, a safe setting would be 6A. (This is below the saturation current of the output inductor,
which is 7A.) Following the equation from the CURRENT LIMIT section, a 1.3 k
Ω resistor should be used.
RFADJ This resistor is used to set the switching frequency of the chip. The resistor value is approximated from
the Frequency vs Frequency Adjust Resistor curve in the TYPICAL PERFORMANCE
CHARACTERISTICS section. For 300 kHz operation, a 100 k
Ω resistor should be used.
CSS
The soft-start capacitor depends on the user requirements and is calculated based on the equation given
in the section titled START UP/SOFT-START. Therefore, for a 7 ms delay, a 12 nF capacitor is suitable.
Control Loop Compensation
The LM2747 uses voltage-mode (‘VM’) PWM control to correct changes in output voltage due to line and load
transients. VM requires careful small signal compensation of the control loop for achieving high bandwidth and
good phase margin.
The control loop is comprised of two parts. The first is the power stage, which consists of the duty cycle
modulator, output inductor, output capacitor, and load. The second part is the error amplifier, which for the
LM2747 is a 9 MHz op-amp used in the classic inverting configuration. Figure 30 shows the regulator and control
loop components.
Figure 30. Power Stage and Error Amp
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com