Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7662B Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7662B
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662B Datasheet(HTML) 5 Page - Microchip Technology

  TC7662B Datasheet HTML 1Page - Microchip Technology TC7662B Datasheet HTML 2Page - Microchip Technology TC7662B Datasheet HTML 3Page - Microchip Technology TC7662B Datasheet HTML 4Page - Microchip Technology TC7662B Datasheet HTML 5Page - Microchip Technology TC7662B Datasheet HTML 6Page - Microchip Technology TC7662B Datasheet HTML 7Page - Microchip Technology TC7662B Datasheet HTML 8Page - Microchip Technology TC7662B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
TC7662B
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
TC7662B-8 9/11/96
© 2001 Microchip Technology Inc.
DS21469A
Paralleling Devices
Any number of TC7662B voltage converters may be
paralleled to reduce output resistance (Figure 5). The reser-
voir capacitor, C2, serves all devices, while each device
requires its own pump capacitor, C1. The resultant output
resistance would be approximately:
ROUT (of TC7662B)
n (number of devices)
ROUT =
Changing the TC7662B Oscillator Frequency
It may be desirable in some applications (due to noise or
other considerations) to increase the oscillator frequency.
This is achieved by one of several methods described
below:
By connecting the BOOSTPin (Pin 1) to V+, the oscillator
charge and discharge current is increased and, hence the
oscillator frequency is increased by approximately 3-1/2
times. The result is a decrease in the output impedance and
ripple. This is of major importance for surface mount appli-
cations where capacitor size and cost are critical. Smaller
capacitors, e.g., 0.1
µF, can be used in conjunction with the
Boost Pin in order to achieve similar output currents com-
pared to the device free running with C1 = C2 = 1µF or 10µF.
(Refer to graph of Output Source Resistance as a Function
of Oscillator Frequency).
Increasing the oscillator frequency can also be achieved
by overdriving the oscillator from an external clock as shown
in Figure 7. In order to prevent device latchup, a 1k
Ω resistor
must be used in series with the clock output. In a situation
where the designer has generated the external clock fre-
quency using TTL logic, the addition of a 10k
Ω pullup
resistor to V+ supply is required. Note that the pump fre-
quency with external clocking, as with internal clocking, will
be 1/2 of the clock frequency. Output transitions occur on the
positive-going edge of the clock.
Figure 6. Cascading Devices for Increased Output Voltage
1
2
3
4
8
7
6
5
V+
1
2
3
4
8
7
6
5
10
µF
10
µF
"n"
"1"
10
µF
VOUT
*VOUT = –nV+
+
+
+
TC7662B
TC7662B
10
µF
Cascading Devices
The TC7662B may be cascaded as shown to produce
larger negative multiplication of the initial supply voltage.
However, due to the finite efficiency of each device, the
practical limit is 10 devices for light loads. The output voltage
is defined by:
VOUT = – n(VIN)
where n is an integer representing the number of devices
cascaded. The resulting output resistance would be ap-
proximately the weighted sum of the individual TC7662B
ROUT values.
Figure 5. Paralleling Devices
1
2
3
4
8
7
6
5
TC7662B
+
V +
+
CMOS
GATE
10
µF
VOUT
10
µF
1 k
Ω
V +
Figure 7. External Clocking
It is also possible to increase the conversion efficiency
of the TC7662B at low load levels by lowering the oscillator
frequency. This reduces the switching losses, and is shown
in Figure 8. However, lowering the oscillator frequency will
cause an undesirable increase in the impedance of the
pump (C1) and reservoir (C2) capacitors; this is overcome by
increasing the values of C1 and C2 by the same factor that
the frequency has been reduced. For example, the addition
of a 100pF capacitor between pin 7 (Osc) and V+ will lower
the oscillator frequency to 1kHz from its nominal frequency
of 10kHz (multiple of 10), and thereby necessitate a corre-
sponding increase in the value of C1 and C2 (from 10µF to
100
µF).
1
2
3
4
8
7
6
5
TC7662B
V
+
1
2
3
4
8
7
6
5
TC7662B
C1
RL
C2
C1
"n"
"1"
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com