Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7662B Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7662B
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662B Datasheet(HTML) 1 Page - Microchip Technology

  TC7662B Datasheet HTML 1Page - Microchip Technology TC7662B Datasheet HTML 2Page - Microchip Technology TC7662B Datasheet HTML 3Page - Microchip Technology TC7662B Datasheet HTML 4Page - Microchip Technology TC7662B Datasheet HTML 5Page - Microchip Technology TC7662B Datasheet HTML 6Page - Microchip Technology TC7662B Datasheet HTML 7Page - Microchip Technology TC7662B Datasheet HTML 8Page - Microchip Technology TC7662B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC7662B
TC7662B-8 9/11/96
EVALUATION
KIT
AVAILABLE
© 2001 Microchip Technology Inc.
DS21469A
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
FEATURES
s
Wide Operating Voltage Range: 1.5V to 15V
s
Boost Pin (Pin 1) for Higher Switching Frequency
s
High Power Efficiency is 96%
s
Easy to Use – Requires Only 2 External Non-Critical
Passive Components
s
Improved Direct Replacement for Industry Stan-
dard ICL7660 and Other Second Source Devices
APPLICATIONS
s
Simple Conversion of +5V to
±5V Supplies
s
Voltage Multiplication VOUT =
±nV
IN
s
Negative Supplies for Data Acquisition Systems
and Instrumentation
s
RS232 Power Supplies
s
Supply Splitter, VOUT =
±V
S/2
GENERAL DESCRIPTION
The TC7662B is a pin-compatible upgrade to the Indus-
try standard TC7660 charge pump voltage converter. It
converts a +1.5V to +15V input to a corresponding – 1.5 to
– 15V output using only two low-cost capacitors, eliminating
inductors and their associated cost, size and EMI.
The on-board oscillator operates at a nominal fre-
quency of 10kHz. Frequency is increased to 35kHz when
pin 1 is connected to V+, allowing the use of smaller external
capacitors. Operation below 10kHz (for lower supply current
applications) is also possible by connecting an external
capacitor from OSC to ground (with pin 1 open).
The TC7662B is available in both 8-pin DIP and 8-pin
small outline (SO) packages in commercial and extended
temperature ranges.
FUNCTIONAL BLOCK DIAGRAM
TC7662B
GND
INTERNAL
VOLTAGE
REGULATOR
RC
OSCILLATOR
VOLTAGE–
LEVEL
TRANSLATOR
÷ 2
V + CAP +
82
7
6
OSC
LV
3
LOGIC
NETWORK
VOUT
5
CAP –
4
1
BOOST
1
2
3
4
8
7
6
5
TC7662BCPA
TC7662BEPA
BOOST
CAP +
GND
CAP –
VOUT
LOW
VOLTAGE (LV)
OSC
+
V
1
2
3
4
8
7
6
5
TC7662BCOA
TC7662BEOA
BOOST
CAP +
GND
CAP –
VOUT
LOW
VOLTAGE (LV)
OSC
+
V
PIN CONFIGURATION (DIP AND SOIC)
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC7662BCOA
8-Pin SOIC
0
°C to +70°C
TC7662BCPA
8-Pin Plastic DIP
0
°C to +70°C
TC7662BEOA
8-Pin SOIC
– 40
°C to +85°C
TC7662BEPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC7660EV
Evaluation Kit for
Charge Pump Family


Similar Part No. - TC7662B

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662BCOA TELCOM-TC7662BCOA Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662BCPA TELCOM-TC7662BCPA Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662BEOA TELCOM-TC7662BEOA Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662BEPA TELCOM-TC7662BEPA Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results

Similar Description - TC7662B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com