Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5116WG/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5116WG/NOPB
Description  Wide Range Synchronous Buck Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5116WG/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5116WG/NOPB Datasheet HTML 1Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 2Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 3Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 4Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 5Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 6Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 7Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 8Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LM5116WG
SNVS599D – OCTOBER 2008 – REVISED FEBRUARY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 100V
VCC, VCCX, UVLO to GND (3)
-0.3 to 16V
SW, CS to GND
-3.0 to 100V
HB to SW
-0.3 to 16V
HO to SW
-0.3 to HB+0.3V
VOUT to GND
-0.3 to 100V
CSG to GND
-1V to 1V
LO to GND
-0.3 to VCC+0.3V
SS to GND
-0.3 to 7V
FB to GND
-0.3 to 7V
DEMB to GND
-0.3 to VCC
RT to GND
-0.3 to 7V
EN to GND
-0.3 to 100V
ESD Rating
HBM (4)
2 kV
Storage Temperature Range
-55°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
These pins must not exceed VIN.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. LO, HO and HB are rated at 1 kV. 2
kV rating for all pins except VIN which is rated for 1.5 kV.
Operating Ratings
(1) (2)
VIN
6V to 100V
VCC, VCCX
4.75V to 15V
HB to SW
4.75V to 15V
DEMB to GND
-0.3V to 2V
Junction Temperature
-40°C to +125°C
(1)
Operating Ratings are conditions under which operation of the device is intended to be functional. Operating Ratings do not imply
guaranteed performance limits.
(2)
Note: RAMP, COMP are output pins. As such they are not specified to have an external voltage applied.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C and are provided for reference only. Unless otherwise specified, the following conditions apply: VIN = 48V, VCC =
7.4V, VCCX = 0V, EN = 5V, RT = 16 kΩ, no load on LO and HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN Supply
IBIAS
VIN Operating Current
VCCX = 0V, VIN = 48V
5
7
mA
VCCX = 0V, VIN = 100V
5.9
8
mA
IBIASX
VIN Operating Current
VCCX = 5V, VIN = 48V
1.2
1.7
mA
VCCX = 5V, VIN = 100V
1.6
2.3
mA
ISTDBY
VIN Shutdown Current
EN = 0V, VIN = 48V
1
10
µA
EN = 0V, VIN = 100V
1
µA
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5116WG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com