Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5116WG/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5116WG/NOPB
Description  Wide Range Synchronous Buck Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5116WG/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5116WG/NOPB Datasheet HTML 10Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 11Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 12Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 13Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 14Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 15Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 16Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 17Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
RT =
T - 450 ns
284 pF
LM5116WG
SNVS599D – OCTOBER 2008 – REVISED FEBRUARY 2013
www.ti.com
UVLO
An under-voltage lockout pin is provided to disable the regulator without entering shutdown. If the UVLO pin is
pulled below 1.215V, the regulator enters a standby mode of operation with the soft-start capacitor discharged
and outputs disabled, but with the VCC regulator running. If the UVLO input is pulled above 1.215V, the
controller will resume normal operation. A voltage divider from input to ground can be used to set a VIN threshold
to disable the supply in brown-out conditions or for low input faults. The UVLO pin has a 5 µA internal pull up
current that allows this pin to left open if the input under-voltage lockout function is not needed. For applications
which require fast on/off cycling, the UVLO pin with an open collector control signal may be used to ensure
proper start-up sequencing.
The UVLO pin is also used to implement a “hiccup” current limit. If a current limit fault exists for more than 256
consecutive clock cycles, the UVLO pin will be internally pulled down to 200 mV and then released. A capacitor
to ground connected to the UVLO pin will set the timing for hiccup mode current limit. When this feature is used
in conjunction with the voltage divider, a diode across the top resistor may be used to discharge the capacitor in
the event of an input under-voltage condition. There is a 5 µs filter at the input to the fault comparator. At higher
switching frequency (greater than approximately 250 kHz) the hiccup timer may be disabled if the fault capacitor
is not used.
Oscillator and Sync Capability
The LM5116WG oscillator frequency is set by a single external resistor connected between the RT/SYNC pin
and the AGND pin. The resistor should be located very close to the device and connected directly to the pins of
the IC (RT/SYNC and AGND). To set a desired oscillator frequency (fSW), the necessary value for the resistor
can be calculated from the following equation:
(1)
Where T = 1 / fSW and RT is in ohms. 450 ns represents the fixed minimum off time.
The LM5116WG oscillator has a maximum programmable frequency that is dependent on the VCC voltage. If
VCC is above 6V, the frequency can be programmed up to 1 MHz. If VCCX is used to bias VCC and VCCX <
6V, the maximum programmable oscillator frequency is 750 kHz.
The RT/SYNC pin can be used to synchronize the internal oscillator to an external clock. The external clock must
be a higher frequency than the free-running frequency set by the RT resistor. The internal oscillator can be
synchronized to an external clock by AC coupling a positive edge into the RT/SYNC pin. The voltage at the
RT/SYNC pin is nominally 1.215V and must exceed 4V to trip the internal synchronization pulse detection. A 5V
amplitude signal and 100 pF coupling capacitor are recommended. The free-running frequency should be set
nominally 15% below the external clock. Synchronizing above twice the free-running frequency may result in
abnormal behavior of the pulse width modulator.
Error Amplifier and PWM Comparator
The internal high-gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision reference (1.215V). The output of the error amplifier is
connected to the COMP pin allowing the user to provide loop compensation components, generally a type II
network. This network creates a pole at very low frequency, a mid-band zero, and a noise reducing high
frequency pole. The PWM comparator compares the emulated current sense signal from the RAMP generator to
the error amplifier output voltage at the COMP pin.
Ramp Generator
The ramp signal used in the pulse width modulator for current mode control is typically derived directly from the
buck switch current. This switch current corresponds to the positive slope portion of the inductor current. Using
this signal for the PWM ramp simplifies the control loop transfer function to a single pole response and provides
inherent input voltage feed-forward compensation. The disadvantage of using the buck switch current signal for
PWM control is the large leading edge spike due to circuit parasitics that must be filtered or blanked. Also, the
current measurement may introduce significant propagation delays. The filtering, blanking time and propagation
delay limit the minimal achievable pulse width. In applications where the input voltage may be relatively large in
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5116WG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com