Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMJB Datasheet(PDF) 19 Page - Texas Instruments

Part # TL1451AMJB
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451AMJB Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL1451AMJB Datasheet HTML 15Page - Texas Instruments TL1451AMJB Datasheet HTML 16Page - Texas Instruments TL1451AMJB Datasheet HTML 17Page - Texas Instruments TL1451AMJB Datasheet HTML 18Page - Texas Instruments TL1451AMJB Datasheet HTML 19Page - Texas Instruments TL1451AMJB Datasheet HTML 20Page - Texas Instruments TL1451AMJB Datasheet HTML 21Page - Texas Instruments TL1451AMJB Datasheet HTML 22Page - Texas Instruments TL1451AMJB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
19
www.ti.com
TYPICAL CHARACTERISTICS
60
40
20
0
05
10
80
100
Collector Output Saturation Voltage – V
OUTPUT SINK CURRENT
vs
COLLECTOR OUTPUT SATURATION VOLTAGE
120
15
20
110
90
70
50
30
10
TA = –20°C
TA = 25°C
VCC = 3.6 V
TA = 85°C
Figure 22
MAXIMUM OUTPUT VOLTAGE SWING
vs
FREE-AIR TEMPERATURE
VO(ref) –0.01
VO(ref) –0.02
VO(ref) –0.03
VO(ref) –0.04
VO(ref) –0.05
VO(ref) –0.06
VO(ref) –0.07
1
0.9
0.8
0.7
0.6
0.5
–25
0
25
50
75
100
TA – Free-Air Temperature – °C
Maximum Output Voltage
Swing (Right Scale)
Maximum Output
Voltage Swing (Right Scale)
+
–
RL
100 k
Ω
Vvom – 1
33 k
Ω
33 k
Ω
VCC = 3.6 V
RL = 100 kΩ
VOM+1 = 1.25 V
VOM –1 = 1.15 V (Right Scale)
VOM –1 = 1.35 V (Left Scale)
Vref
TEST CIRCUIT
Figure 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com