Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMJB Datasheet(PDF) 21 Page - Texas Instruments

Part # TL1451AMJB
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451AMJB Datasheet(HTML) 21 Page - Texas Instruments

Back Button TL1451AMJB Datasheet HTML 17Page - Texas Instruments TL1451AMJB Datasheet HTML 18Page - Texas Instruments TL1451AMJB Datasheet HTML 19Page - Texas Instruments TL1451AMJB Datasheet HTML 20Page - Texas Instruments TL1451AMJB Datasheet HTML 21Page - Texas Instruments TL1451AMJB Datasheet HTML 22Page - Texas Instruments TL1451AMJB Datasheet HTML 23Page - Texas Instruments TL1451AMJB Datasheet HTML 24Page - Texas Instruments TL1451AMJB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
21
www.ti.com
APPLICATION INFORMATION
R7
R6
C4
470
Ω
1
µF
220
Ω
C2
R4
R3
33 k
Ω
33 k
Ω
470
Ω
150
Ω
220 k
Ω
0.47
µF
50 k
Ω
R1
500 pF
pF
C5
R5
500
C1
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
330 pF
L1
R2
33 k
Ω
33 k
Ω
Vref
33 k
Ω
33 k
Ω
470
Ω
470
Ω
L2
VCC
Step-Up
Output
Step-Down
Output
TL1451A
NOTE A: Values for R1 through R7, C1 through C4, and L1 and L2 depend upon individual application.
Figure 28. High-Speed Dual Switching Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com