Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC71-10E/SS Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16LC71-10E/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SS Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16LC71-10E/SS Datasheet HTML 45Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 46Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 47Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 48Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 49Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 50Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 51Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 52Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 49
PIC16C71X
8.2
Oscillator Configurations
8.2.1
OSCILLATOR TYPES
The PIC16CXX can be operated in four different oscil-
lator modes. The user can program two configuration
bits (FOSC1 and FOSC0) to select one of these four
modes:
• LP
Low Power Crystal
• XT
Crystal/Resonator
• HS
High Speed Crystal/Resonator
• RC
Resistor/Capacitor
8.2.2
CRYSTAL OSCILLATOR/CERAMIC
RESONATORS
In XT, LP or HS modes a crystal or ceramic resonator
is connected to the OSC1/CLKIN and OSC2/CLKOUT
pins
to
establish
oscillation
(Figure 8-4).
The
PIC16CXX Oscillator design requires the use of a par-
allel cut crystal. Use of a series cut crystal may give a
frequency out of the crystal manufacturers specifica-
tions. When in XT, LP or HS modes, the device can
have an external clock source to drive the OSC1/
CLKIN pin (Figure 8-5).
FIGURE 8-4:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS, XT OR LP
OSC CONFIGURATION)
FIGURE 8-5:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR LP
OSC CONFIGURATION)
C1
C2
XTAL
OSC2
Note1
OSC1
RF
SLEEP
PIC16CXXX
RS
See Table 8-1 and Table 8-1 for recommended values of
C1 and C2.
Note 1:
A series resistor may be required for AT strip
cut crystals.
2:
The buffer is on the OSC2 pin.
(2)
To internal
logic
OSC1
OSC2
Open
Clock from
ext. system
PIC16CXXX
TABLE 8-1:
CERAMIC RESONATORS,
PIC16C71
TABLE 8-2:
CAPACITOR SELECTION
FOR CRYSTAL OSCILLATOR,
PIC16C71
Ranges Tested:
Mode
Freq
OSC1
OSC2
XT
455 kHz
2.0 MHz
4.0 MHz
47 - 100 pF
15 - 68 pF
15 - 68 pF
47 - 100 pF
15 - 68 pF
15 - 68 pF
HS
8.0 MHz
16.0 MHz
15 - 68 pF
10 - 47 pF
15 - 68 pF
10 - 47 pF
These values are for design guidance only. See
notes at bottom of page.
Resonators Used:
455 kHz
Panasonic EFO-A455K04B
± 0.3%
2.0 MHz
Murata Erie CSA2.00MG
± 0.5%
4.0 MHz
Murata Erie CSA4.00MG
± 0.5%
8.0 MHz
Murata Erie CSA8.00MT
± 0.5%
16.0 MHz Murata Erie CSA16.00MX
± 0.5%
All resonators used did not have built-in capacitors.
Mode
Freq
OSC1
OSC2
LP
32 kHz
200 kHz
33 - 68 pF
15 - 47 pF
33 - 68 pF
15 - 47 pF
XT
100 kHz
500 kHz
1 MHz
2 MHz
4 MHz
47 - 100 pF
20 - 68 pF
15 - 68 pF
15 - 47 pF
15 - 33 pF
47 - 100 pF
20 - 68 pF
15 - 68 pF
15 - 47 pF
15 - 33 pF
HS
8 MHz
20 MHz
15 - 47 pF
15 - 47 pF
15 - 47 pF
15 - 47 pF
These values are for design guidance only. See
notes at bottom of page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com