Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC71-10E/SS Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16LC71-10E/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SS Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16LC71-10E/SS Datasheet HTML 94Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 95Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 96Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 97Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 98Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 99Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 100Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 101Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 176 page
background image
PIC16C71X
DS30272A-page 98
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
FIGURE 11-6: TIMER0 EXTERNAL CLOCK TIMINGS
TABLE 11-5:
TIMER0 EXTERNAL CLOCK REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ† Max Units Conditions
40
Tt0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20*
—
—
ns
Must also meet
parameter 42
With Prescaler
10*
—
—
ns
41
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20*
—
—
ns
Must also meet
parameter 42
With Prescaler
10*
—
—
ns
42
Tt0P
T0CKI Period
Greater of:
20 ns or TCY + 40*
N
—
—
ns
N = prescale value
(2, 4,..., 256)
48
Tcke2tmrI Delay from external clock edge to timer increment
2Tosc
—
7Tosc
—
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note: Refer to Figure 11-1 for load conditions.
41
42
40
RA4/T0CKI
TMR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com