Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

237-033 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 237-033
Description  Jam Nut Mount Hermetic with Double O-Rings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

237-033 Datasheet(HTML) 1 Page - Glenair, Inc.

  237-033 Datasheet HTML 1Page - Glenair, Inc. 237-033 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
B-58
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
237-033
Jam Nut Mount Hermetic with Double O-Rings
Plug/Receptacle Bulkhead Feedthrough
for MIL-DTL-38999 Series III Type
Shell Size
(See Table I)
Polarization
A, B, C, D, E
(
N = Normal)
Contact Termination Style
P - Pin, Solder Cup
S - Socket, Solder Cup
X - Pin, Eyelet
Z - Socket, Eyelet
C - Pin, PCB
D - Socket, Feedthrough
Connector Series
233 - D38999 Series III Type
237 - 033 Z1 9 - 35 D N
Connector Type
003 - Hermetic
Bulkhead Feedthrough
Connector Material and Finish
Z1 - CRES, Passivated
P - CRES, Nickel Finish
Insert
Arrangement
Per
MIL-DTL-38999
Series III
MIL-STD-1560
M Max
.382 (9.7)
M
a
x
O-Rings
(Not Supplied)
.889 (22.6) Max
Pin Face
Socket
Face
.175/.125 (4.4/3.2)
Feed Through
Contact (C & D)
D
Flat
Eyelet
Contact (X & Z)
Solder Cup
Contact (P & S)
A Thread
Panel
Thickness
H
J
L Max
Master
Keyway
90°/85°
Per D38999/28
Nut
G Thread
F
Di
a
E
Dia
(See Table III)
P
Ø B


Similar Part No. - 237-033

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
237-051 GLENAIR-237-051 Datasheet
273Kb / 2P
Special Narrow Square Flange Mount Receptacle
237-063 GLENAIR-237-063 Datasheet
286Kb / 2P
Special Hermetic Jam Nut Mount Receptacle
More results

Similar Description - 237-033

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
Hermetic Receptacle, Jam Nut Mount
233-103-H9Z109 GLENAIR-233-103-H9Z109 Datasheet
436Kb / 1P
Jam Nut Mount Hermetic
257-215 GLENAIR-257-215 Datasheet
166Kb / 2P
Jam Nut Mount Hermetic Receptacles
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
Jam Nut Mount Hermetic Receptacle
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
Jam Nut Mount Hermetic Receptacle
257-215 GLENAIR-257-215_15 Datasheet
292Kb / 2P
Jam Nut Mount Hermetic Receptacles
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
Jam Nut Mount Hermetic Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
Jam Nut Mount Hermetic Receptacle
D38999-43 GLENAIR-D38999-43 Datasheet
213Kb / 1P
Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com