Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

237-033 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 237-033
Description  Jam Nut Mount Hermetic with Double O-Rings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

237-033 Datasheet(HTML) 2 Page - Glenair, Inc.

  237-033 Datasheet HTML 1Page - Glenair, Inc. 237-033 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
B-59
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
237-033
Jam Nut Mount Hermetic with Double O-Rings
Plug/Receptacle Bulkhead Feedthrough
for MIL-DTL-38999 Series III Type
APPLICATION NOTES
1.
Assembly identified with manufacturer's name and P/N, space permitting.
2.
Modified major diameter 31.95-31.80 (1.257-1.252).
3.
Glenair 237-033 receptacle conector is designed to mate with and QPL
manufacturer's MIL-DTL-38999 Series III plug connector having the same insert
arrangement and polarization.
4.
Glenair 237-033 same as D38999/23 except double O-Ring configuration.
5.
Material/finish:
Shell, nut – CRES/passivated or CRES/nickel per QQ-N-290.
Contacts – Nickel iron alloy 52/gold.
Insulator – fused vitreous glass/N.A.
Seals – fluorosilicone rubber/N.A.
6.
Metric dimensions (mm) are indicated in parentheses.
TABLE I: Shell Size, Thread and Connector Dimensions (Continued Below)
Shell
Size
Code
Shell
Size
A Thread
-0.1P-0.03L-TS
B Dia
D Flat
E Dia
F Dia
G Thread
ISO Metric
x 1.0-6g
A
9
.6250
1.270/1.260
(32.26/32.00)
.654/.645
(16.61/16.38)
.614/.591
(15.60/15.01)
.653/.642
(16.59/16.31)
M17
B
11
.7500
1.385/1.375
(35.18/34.93)
.754/.745
(19.15/18.92)
.736/.713
(18.69/18.11)
.775/.764
(19.69/19.41)
M20
C
13
.8750
1.585/1.575
(40.26/40.01)
.941/.932
(23.90/23.67)
.862/.839
(21.89/21.31)
.905/.894
(22.99/22.71)
M25
D
15
1.0000
1.700/1.690
(43.18/42.93)
1.065/1.056
(27.05/26.82)
.988/.965
(25.10/24.51)
1.031/1.020
(26.19/25.91)
M28
E
17
1.1875
1.860/1.850
(47.24/46.99)
1.190/1.181
(30.23/30.00)
1.114/1.091
(28.30/27.71)
1.153/1.142
(29.29/29.01)
M32
(See Note 2)
F
19
1.2500
1.975/1.965
(50.17/49.91)
1.315/1.306
(33.40/33.17)
1.240/1.217
(31.50/30.91)
1.278/1.268
(32.46/32.21)
M35
G
21
1.3750
2.095/2.085
(53.21/52.96)
1.440/1.431
(36.58/36.35)
1.362/1.339
(34.59/34.01)
1.405/1.394
(35.69/35.41)
M38
H
23
1.5000
2.213/2.203
(56.21/55.96)
1.565/1.556
(39.75/39.52)
1.488/1.465
(37.80/37.21)
1.531/1.520
(38.89/38.61)
M41
J
25
1.6250
2.325/2.315
(59.06/58.80)
1.690/1.681
(42.93/42.70)
1.614/1.591
(41.0/40.41)
1.653/1.642
(41.99/41.71)
M44
TABLE I: (Continued from Above)
Shell
Size
Code
Shell
Size
H
J
K
Dia
L
Max
M Max
N
P and X
S and Z
A
9
.125/.062
(3.18/1.57)
.114/.098
(2.90/2.49)
.710/.700
(18.03/17.78) 1.149 (29.18) .208 (5.28) .232 (5.89)
.670/.660
(17.02/16.76)
B
11
.125/.062
(3.18/1.57)
.114/.098
(2.90/2.49)
.832/.822
(21.13/20.88) 1.149 (29.18) .208 (5.28) .232 (5.89)
.769/.759
(19.53/19.28)
C
13
.125/.062
(3.18/1.57)
.114/.098
(2.90/2.49)
1.017/1.007
(25.83/25.58) 1.153 (29.29) .200 (5.08) .224 (5.69)
.955/.945
(24.26/24.0)
D
15
.125/.062
(3.18/1.57)
.114/.098
(2.90/2.49)
1.144/1.134
(29.06/28.80) 1.153 (29.29) .200 (5.08) .224 (5.69)
1.084/1.074
(27.53/27.28)
E
17
.125/.062
(3.18/1.57)
.114/.098
(2.90/2.49)
1.271/1.261
(32.28/32.03) 1.153 (29.29) .200 (5.08) .224 (5.69)
1.208/1.198
(30.68/30.4)
F
19
.125/.062
(3.18/1.57)
.146/.130
(3.71/3.30)
1.394/1.384
(35.41/35.15) 1.185 (30.10) .200 (5.08) .224 (5.69)
1.333/1.323
(33.86/33.60)
G
21
.125/.062
(3.18/1.57)
.146/.130
(3.71/3.30)
1.517/1.507
(38.53/28.28) 1.185 (30.10) .200 (5.08) .224 (5.69)
1.459/1.449
(37.06/36.80)
H
23
.125/.062
(3.18/1.57)
.146/.130
(3.71/3.30)
1.644/1.634
(41.76/41.50) 1.185 (30.10) .200 (5.08) .224 (5.69)
1.580/1.570
(40.13/39.88)
J
25
.125/.062
(3.18/1.57)
.146/.130
(3.71/3.30)
1.746/1.736
(44.35/44.09) 1.185 (30.10) .200 (5.08) .224 (5.69)
1.709/1.699
(43.41/43.15)
TABLE III:
Contact Size
and Diameter
Contact
Size
Ø P
22D
.011/.015
(0.28/0.38)
20
.024/.028
(0.61/0.71)
16
.0635/.0615
(1.61/1.56)
12
.095/.093
(2.41/2.36)
10
.126/.124
(3.20/3.15)
K Dia
Recommended Panel
Cut-out
N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com