Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623AMM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623AMM/NOPB
Description  General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623AMM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2623AMM/NOPB Datasheet HTML 4Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 5Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 6Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 7Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 8Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 9Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 10Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 11Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM2623
SNVS188H – MAY 2004 – REVISED NOVEMBER 2014
www.ti.com
Feature Description (continued)
Figure 8. Typical Step-Up Regulator Waveforms
7.3.2 Cycle-to-Cycle PFM
When the load doesn't vary over a wide range (like zero to full load), ratio adaptive circuit techniques can be
used to achieve cycle to cycle PFM regulation and lower ripple (or smaller output capacitors). The key to success
here is matching the duty cycle of the circuit closely to what is required by the input to output voltage ratio. This
ratio then needs to be dynamically adjusted for input voltage changes (usually caused by batteries running
down). The chosen ratio should allow most of the energy in each switching cycle to be delivered to the load and
only a small amount to be stored. When the regulation limit is reached, the overshoot will be small and the
system will settle at an equilibrium point where it adjusts the off time in each switching cycle to meet the current
requirements of the load. The off time adjustment is done by exceeding the regulation limit during each switching
cycle and waiting until the voltage drops below the limit again to start the next switching cycle. The current in the
coil never goes to zero like it frequently does in the hysteretic operating mode of circuits with wide load variations
or duty cycles that aren't matched to the input/output voltage ratio. Optimizing the duty cycle for a given set of
input/output voltages conditions can be done by using the circuit values in the Application Notes.
7.3.3 Shutdown
The LM2623 features a shutdown mode that reduces the quiescent current to less than an ensured 2.5 µA over
temperature. This extends the life of the battery in battery powered applications. During shutdown, all feedback
and control circuitry is turned off. The regulator's output voltage drops to one diode drop below the input voltage.
Entry into the shutdown mode is controlled by the active-low logic input pin EN (pin-2). When the logic input to
this pin is pulled below 0.15 VDD, the device goes into shutdown mode. The logic input to this pin should be
above 0.7 VDD for the device to work in normal stepup mode.
7.3.4 Internal Current Limit and Thermal Protection
An internal cycle-by-cycle current limit serves as a protection feature. This is set high enough (2.85 A typical,
approximately 4 A maximum) so as not to come into effect during normal operating conditions. An internal
thermal protection circuit disables the MOSFET power switch when the junction temperature (TJ) exceeds about
160°C. The switch is re-enabled when TJ drops below approximately 135°C.
7.4 Device Functional Modes
7.4.1 Pulse Frequency Modulation (PFM)
Pulse Frequency Modulation is typically accomplished by switching continuously until the voltage limit is reached
and skipping cycles after that to just maintain it. This results in a somewhat hysteretic mode of operation. The
coil stores more energy each cycle as the current ramps up to high levels. When the voltage limit is reached, the
system usually overshoots to a higher voltage than required, due to the stored energy in the coil (see Figure 8).
The system will also undershoot somewhat when it starts switching again because it has depleted all the stored
energy in the coil and needs to store more energy to reach equilibrium with the load. Larger output capacitors
8
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com