Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2623AMM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623AMM/NOPB
Description  General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623AMM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2623AMM/NOPB Datasheet HTML 8Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 9Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 10Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 11Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 12Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 13Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 14Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 15Page - Texas Instruments LM2623AMM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LM2623
SNVS188H – MAY 2004 – REVISED NOVEMBER 2014
www.ti.com
9 Power Supply Recommendations
The LM2623 can start up from voltages as low as 1.1 V. On start-up, the control circuitry switches the N-channel
MOSFET continuously until the output reaches 3 V. After this output voltage is reached, the normal step-up
regulator feedback and gated oscillator control scheme take over. Once the device is in regulation, it can operate
down to below 0.8 V input, since the internal power for the IC can be boot-strapped from the output using the
VDD pin.
10 Layout
10.1 Layout Guidelines
The example layouts below follow proper layout guidelines and should be used as a guide for laying out the
LM2623 circuit. The LM2623 inductive boost converter sees a high switched voltage at the SW pin, and a step
current through the Schottky diode and output capacitor each switching cycle. The high switching voltage can
create interference into nearby nodes due to electric field coupling (I = C x dV/dt). The large step current through
the diode and the output capacitor can cause a large voltage spike at the SW and BOOST pins due to parasitic
inductance in the step current conducting path (V = L x di/dt). Board layout guidelines are geared towards
minimizing this electric field coupling and conducted noise.
Boost Output Capacitor Placement, Schottky Diode Placement, and Boost Input / VDD Capacitor Placement detail
the main (layout sensitive) areas of the LM2623 inductive boost converter in order of decreasing importance:
10.1.1 Boost Output Capacitor Placement
Because the output capacitor is in the path of the inductor current discharge path, it will see a high-current step
from 0 to IPEAK each time the switch turns off and the Schottky diode turns on. Any inductance along this series
path from the diodes cathode, through COUT, and back into the LM2623 GND pin will contribute to voltage
spikes at SW. These spikes can potentially over-voltage the SW and BOOST pins, or feed through to GND. To
avoid this, COUT+ must be connected as close as possible to the cathode of the Schottky diode, and COUT
−
must be connected as close as possible to the LM2623 GND bumps. The best placement for COUT is on the
same layer as the LM2623 to avoid any vias that can add excessive series inductance.
10.1.2 Schottky Diode Placement
In the LM2623 device boost circuit the Schottky diode is in the path of the inductor current discharge. As a result
the Schottky diode sees a high-current step from 0 to IPEAK each time the switch turns off, and the diode turns
on. Any inductance in series with the diode will cause a voltage spike at SW. This can potentially over-voltage
the SW pin, or feed through to VOUT and through the output capacitor, into GND. Connecting the anode of the
diode as close as possible to the SW pin, and connecting the cathode of the diode as close as possible to
COUT+, will reduce the inductance (LP_) and minimize these voltage spikes.
10.1.3 Boost Input / VDD Capacitor Placement
The LM2623 input capacitor filters the inductor current ripple and the internal MOSFET driver currents. The
inductor current ripple can add input voltage ripple due to any series resistance in the input power path. The
MOSFET driver currents can add voltage spikes on the input due to the inductance in series with the VIN/VDD
and the input capacitor. Close placement of the input capacitor to the VDD pin and to the GND pin is critical since
any series inductance between VIN/VDD and CIN+ or CIN– and GND can create voltage spikes that could appear
on the VIN/VDD supply line and GND.
12
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com