Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2773TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2773TL/NOPB
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2773TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2773TL/NOPB Datasheet HTML 1Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 2Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 3Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM2773
SNVS554A – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full operating junction temperature range
(-30°C
≤ TJ ≤ +110°C) . Unless otherwise noted, specifications apply to the LM2773 Typical Application Circuit (pg. 1) with:
VIN = 3.6V; V(EN) = 1.8V, V(SEL) = 0V, CIN = C1 = C2 = 1.0µF, COUT = 4.7µF.
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
1.8V Mode Output Voltage
2.5V
≤ VIN ≤ 5.5V
1.779
1.851
1.815
Regulation
0mA
≤ IOUT ≤ 300mA
(
−2%)
(+2%)
VOUT
V
V(SEL) = 1.8V
1.6V Mode Output Voltage
1.587
1.651
2.5V
≤ VIN ≤ 5.5V
1.619
Regulation
(
−2%)
(+2%)
0mA
≤ IOUT ≤ 300mA
VOUT/IOUT
Output Load Regulation
0mA
≤ IOUT ≤ 300mA
0.15
mV/mA
VOUT/VIN
Output Line Regulation
0.3
%/V
E
Power Efficiency
IOUT = 300mA
75
%
IOUT = 0mA
IQ
Quiescent Supply Current
48
55
µA
See(4)
VR
Fixed Frequency Output Ripple
IOUT = 300mA
10
mV
VR–PFM
PFM–Mode Output Ripple
IOUT < 40mA
12
mV
ISD
Shutdown Current
V(EN) = 0V
0.1
0.625
µA
FSW
Switching Frequency
3.0V
≤ VIN ≤ 5.5V
0.80
1.15
1.50
MHz
ROL
Open-Loop Output Resistance
IOUT = 300mA
1.0
Ω
See(5)
VIN = 5.5V
ICL
Output Current Limit
0V
≤ VOUT ≤ 0.2V
500
mA
See(6)
tON
Turn-on Time
150
µs
EN, SEL Pins
VIL
Logic-low Input Voltage
0
0.5
V
2.5V
≤ VIN ≤ 5.5V
EN, SEL Pins
VIH
Logic-high Input Voltage
1.0
VIN
V
2.5V
≤ VIN ≤ 5.5V
V(EN), V(SEL) = 1.8V
IIH
Logic-high Input Current
5
µA
See(7)
IIL
Logic-low Input Current
V(EN), V(SEL) = 0V
0.01
µA
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most
likely norm.
(3)
CIN, COUT, C1, C2: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
VOUT is set to 1.9V during this test (Device is not switching).
(5)
Open loop output resistance can be used to predict output voltage when, under low VIN and high IOUT conditions, VOUT falls out of
regulation. VOUT = (Gain)VIN - (ROL x IOUT)
(6)
Under the stated conditions, the maximum input current is equal to 2/3 the maximum output current.
(7)
There are 350k
Ω pull-down resistors connected internally between the EN pin and GND and the SEL pin and GND.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM2773



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com